Electronic Components Datasheet Search
  English  ▼

X  

MPC5645B Datasheet (PDF) - NXP Semiconductors

MPC5645B Datasheet PDF - NXP Semiconductors
Part # MPC5645B
Download  MPC5645B Download
File Size   1558.74 Kbytes
Page   116 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5646C Microcontroller Datasheet

MPC5645B Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5645B Datasheet PDF - NXP Semiconductors

Part # MPC5645B
Download  MPC5645B Click to download

File Size   1558.74 Kbytes
Page   116 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5646C Microcontroller Datasheet

MPC5645B Datasheet (HTML) - NXP Semiconductors


MPC5645B Product details

On-chip modules available within the family include the following
features:
• e200z4d dual issue, 32-bit core Power Architecture
compliant CPU
— Up to 120 MHz
— 4 KB, 2/4-Way Set Associative Instruction Cache
— Variable length encoding (VLE)
— Embedded floating-point (FPU) unit
— Supports Nexus3+
• e200z0h single issue, 32-bit core Power Architecture compliant
CPU
— Up to 80 MHz
— Variable length encoding (VLE)
— Supports Nexus3+
• Up to 3 MB on-chip flash memory: flash page buffers to improve
access time
• Up to 256 KB on-chip SRAM
• 64 KB on-chip data flash memory to support EEPROM emulation
• Up to 16 semaphores across all slave ports
• User selectable MBIST
• Low-power modes supported: STOP, HALT, STANDBY
• 16 region Memory Protection Unit (MPU)
• Dual-core Interrupt Controller (INTC). Interrupt sources can be
routed to e200z4d, e200z0h, or both
• Crossbar switch architecture for concurrent access to peripherals,
flash memory, and SRAM from multiple bus masters
• 32 channel eDMA controller with DMAMUX
• Timer supports input/output channels providing 16-bit input
capture, output compare, and PWM functions (eMIOS)
• 2 analog-to-digital converters (ADC): one 10-bit and one 12-bit
• Cross Trigger Unit (CTU) to enable synchronization of ADC
conversions with a timer event from the eMIOS or from the PIT
• Up to 8 serial peripheral interface (DSPI) modules
• Up to 10 serial communication interface (LINFlex) modules
• Up to 6 full CAN (FlexCAN) modules with 64 MBs each
• CAN Sampler to catch ID of CAN message
• 1 inter IC communication interface (I2C) module
• Up to 177 (LQFP) or 199 (BGA) configurable general purpose I/O
pins
• System clocks sources
— 4–40 MHz external crystal oscillator
— 16 MHz internal RC oscillator
— FMPLL
— Additionally, there are two low power oscillators: 128 kHz
internal RC oscillator, 32 kHz external crystal oscillator
• Real Time Counter (RTC) with clock source from internal 128
kHz or 16 MHz oscillators or external 4–40 MHz crystal
— Supports autonomous wake-up with 1 ms resolution with
max timeout of 2 seconds
— Optional support from external 32 kHz crystal oscillator,
supporting wake-up with 1 second resolution and max
timeout of 1 hour
• 1 System Timer Module (STM) with four 32-bit compare
channels
• Up to 8 periodic interrupt timers (PIT) with 32-bit counter
resolution
• 1 Real Time Interrupt (RTI) with 32-bit counter resolution
• 1 Safety Enhanced Software Watchdog Timer (SWT) that
supports keyed functionality
• 1 dual-channel FlexRay Controller with 128 message buffers
• 1 Fast Ethernet Controller (FEC)
• On-chip voltage regulator (VREG)
• Cryptographic Services Engine (CSE)
• Offered in the following standard package types:
— 176-pin LQFP, 24 × 24 mm, 0.5 mm Lead Pitch
— 208-pin LQFP, 28 × 28 mm, 0.5 mm Lead Pitch
• 256-ball MAPBGA, 17 × 17mm, 1.0 mm Lead Pitch




Similar Part No. - MPC5645B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5645B FREESCALE-MPC5645B Datasheet
1Mb / 114P
Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
More results


Similar Description - MPC5645B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J311A CYPRESS-S6J311A Datasheet
2Mb / 92P
32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J311E CYPRESS-S6J311E Datasheet
2Mb / 116P
32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J312A CYPRESS-S6J312A Datasheet
2Mb / 139P
32-Bit Traveo??Family Microcontroller Datasheet
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
DATASHEET
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
DATASHEET
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com