Electronic Components Datasheet Search
  English  ▼

X  

IRFB4103PBF Datasheet (PDF) - International Rectifier

IRFB4103PBF Datasheet PDF - International Rectifier
Part # IRFB4103PBF
Download  IRFB4103PBF Download
File Size   241.65 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DIGITAL AUDIO MOSFET

IRFB4103PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB4103PBF Datasheet PDF - International Rectifier

Part # IRFB4103PBF
Download  IRFB4103PBF Click to download

File Size   241.65 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DIGITAL AUDIO MOSFET

IRFB4103PBF Datasheet (HTML) - International Rectifier


IRFB4103PBF Product details

Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes the latest processing techniques to achieve low on-resistance per silicon area. Furthermore, Gate charge, body-diode reverse recovery and internal Gate resistance are optimized to improve key Class-D audio amplifier performance factors such as efficiency, THD and EMI. Additional features of this MOSFET are 175°C operating junction temperature and repetitive avalanche capability. These features combine to make this MOSFET a highly efficient, robust and reliable device for ClassD audio amplifier applications.

Features
• Key parameters optimized for Class-D audio amplifier applications
• Low RDSON for improved efficiency
• Low QG and QSW for better THD and improved efficiency
• Low QRR for better THD and lower EMI
• 175°C operating junction temperature for ruggedness
• Can deliver up to 300W per channel into 8Ω load in half-bridge topology




Similar Part No. - IRFB4103PBF

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
100 V N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRFB4110 EVVOSEMI-IRFB4110 Datasheet
815Kb / 9P
100 V N-Channel MOSFET
Rev:2023A2
logo
Inchange Semiconductor ...
IRFB4110 ISC-IRFB4110 Datasheet
394Kb / 2P
isc N-Channel MOSFET Transistor
IRFB4110G ISC-IRFB4110G Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFB4110GPBF IRF-IRFB4110GPBF Datasheet
308Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRFB4103PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
DIGITAL AUDIO MOSFET
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
DIGITAL AUDIO MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com