Electronic Components Datasheet Search
  English  ▼

X  

MIMXRT406LDFP4A Datasheet (PDF) - NXP Semiconductors

MIMXRT406LDFP4A Datasheet PDF - NXP Semiconductors
Part # MIMXRT406LDFP4A
Download  MIMXRT406LDFP4A Download
File Size   2621.3 Kbytes
Page   72 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX RT1015 Crossover Processors Data Sheet for Consumer Products

MIMXRT406LDFP4A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIMXRT406LDFP4A Datasheet PDF - NXP Semiconductors

Part # MIMXRT406LDFP4A
Download  MIMXRT406LDFP4A Click to download

File Size   2621.3 Kbytes
Page   72 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX RT1015 Crossover Processors Data Sheet for Consumer Products

MIMXRT406LDFP4A Datasheet (HTML) - NXP Semiconductors


MIMXRT406LDFP4A Product details

Features
The i.MX RT1015 processors are based on Arm Cortex-M7 Core™ Platform, which has the following
features:
• Supports single Arm Cortex-M7 with:
— 16 KB L1 Instruction Cache
— 16 KB L1 Data Cache
— Full featured Floating Point Unit (FPU) with support of the VFPv5 architecture
— Support the Armv7-M Thumb instruction set
• Integrated MPU, up to 16 individual protection regions
• Up to 128 KB I-TCM and D-TCM in total
• Frequency of 500 MHz
• Cortex M7 CoreSight™ components integration for debug
• Frequency of the core, as per Table 9, "Operating ranges," on page 17.
The SoC-level memory system consists of the following additional components:
— Boot ROM (96 KB)
— On-chip RAM (128 KB)
– Configurable RAM size up to 128 KB shared with CM7 TCM
• External memory interfaces:
— SPI NOR/NAND FLASH
— Parallel NOR FLASH with XIP support
— Single/Dual channel Quad SPI FLASH with XIP support
• Timers and PWMs:
— Two General Programmable Timers
– 4-channel generic 32-bit resolution timer
– Each support standard capture and compare operation
— Four Periodical Interrupt Timers
– Generic 32-bit resolution timer
– Periodical interrupt generation
— One Quad Timer
– 4-channel generic 16-bit resolution timer
– Each support standard capture and compare operation
– Quadrature decoder integrated
— One FlexPWM
– Up to 8 individual PWM channels
– 16-bit resolution PWM suitable for Motor Control applications
— One Quadrature Encoder/Decoder
Each i.MX RT1015 processor enables the following interfaces to external devices (some of them are
multiplexed and not available simultaneously):
• Audio:
— S/PDIF input and output
— Three synchronous audio interface (SAI) modules supporting I2S, AC97, TDM, and
codec/DSP interfaces
— MQS interface for medium quality audio via GPIO pads
• Connectivity:
— One USB 2.0 OTG controller with integrated PHY interface
— Four universal asynchronous receiver/transmitter (UARTs) modules
— Two I2C modules
— Two SPI modules
• GPIO and Pin Multiplexing:
— General-purpose input/output (GPIO) modules with interrupt capability
— Input/output multiplexing controller (IOMUXC) to provide centralized pad control
— 57 GPIOs
— One FlexIO
The i.MX RT1015 processors integrate advanced power management unit and controllers:
• Full PMIC integration, including on-chip DCDC and LDOs
• Temperature sensor with programmable trip points
• GPC hardware power management controller
The i.MX RT1015 processors support the following system debug:
• Arm CortexM7 CoreSight debug and trace architecture
• Trace Port Interface Unit (TPIU) to support off-chip real-time trace
• Support for 5-pin (JTAG) and SWD debug interfaces selected by eFuse
Security functions are enabled and accelerated by the following hardware:
• High Assurance Boot (HAB)
• Data Co-Processor (DCP):
— AES-128, ECB, and CBC mode
— SHA-1 and SHA-256
— CRC-32
• Bus Encryption Engine (BEE)
— AES-128, ECB, and CTR mode
— On-the-fly QSPI Flash decryption
• True random number generation (TRNG)
• Secure Non-Volatile Storage (SNVS)
— Secure real-time clock (RTC)
— Zero Master Key (ZMK)
• Secure JTAG Controller (SJC)




Similar Part No. - MIMXRT406LDFP4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MIMXRT4RT10101CAE4A NXP-MIMXRT4RT10101CAE4A Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
MIMXRT4RT10101CAE4A NXP-MIMXRT4RT10101CAE4A Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
MIMXRT4RT10101CAE5A NXP-MIMXRT4RT10101CAE5A Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
MIMXRT4RT10101CAE5A NXP-MIMXRT4RT10101CAE5A Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
MIMXRT4RT10101CAE6A NXP-MIMXRT4RT10101CAE6A Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
More results


Similar Description - MIMXRT406LDFP4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160CEC NXP-IMXRT1160CEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
IMXRT1170CEC NXP-IMXRT1170CEC Datasheet
1Mb / 128P
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
Rev. 1, 05/2021
IMXRT1060XCEC NXP-IMXRT1060XCEC Datasheet
1Mb / 102P
i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com