Electronic Components Datasheet Search
  English  ▼

X  

3260118 Datasheet (PDF) - PHOENIX CONTACT

3260118 Datasheet PDF - PHOENIX CONTACT
Part # 3260118
Download  3260118 Download
File Size   225.14 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-current terminal block - PTPOWER 95-3L/N/FE

3260118 Datasheet (PDF)

Go To PDF Page Download Datasheet
3260118 Datasheet PDF - PHOENIX CONTACT

Part # 3260118
Download  3260118 Click to download

File Size   225.14 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-current terminal block - PTPOWER 95-3L/N/FE

3260118 Datasheet (HTML) - PHOENIX CONTACT


3260118 Product details

High-current terminal block, Blocked, nom. voltage: 1000 V AC / 1500 V DC, nominal current: 232 A,
connection method: Power-Turn connection, number of connections: 10, number of positions: 5, cross
section: 25 mm² - 95 mm², AWG: 4 - 4/0, width: 125 mm, height: 99.8 mm, color: gray/blue/black-yellow,
mounting type: NS 35/15

Your advantages
Quick and easy connection is now also possible for large conductors with the high-current terminal block
In addition to using the existing test connection, pick-off terminal blocks can be connected, each of which can also accommodate two test
cables
The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
The compact design enables wiring in a confined space




Similar Part No. - 3260118

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3260112 PHOENIX-3260112 Datasheet
60Kb / 4P
High-current terminal block - PTPOWER 95-3L/N
3260115 PHOENIX-3260115 Datasheet
60Kb / 4P
High-current terminal block - PTPOWER 95-3L/FE
More results


Similar Description - 3260118

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3260056 PHOENIX-3260056 Datasheet
63Kb / 5P
High-current terminal block - PTPOWER 50-3L/N/FE
3260109 PHOENIX-3260109 Datasheet
59Kb / 4P
High-current terminal block - PTPOWER 95-3L
3260112 PHOENIX-3260112 Datasheet
60Kb / 4P
High-current terminal block - PTPOWER 95-3L/N
3260115 PHOENIX-3260115 Datasheet
60Kb / 4P
High-current terminal block - PTPOWER 95-3L/FE
3260139 PHOENIX-3260139 Datasheet
68Kb / 6P
High-current terminal block - PTPOWER 95-FE
3260121 PHOENIX-3260121 Datasheet
61Kb / 4P
High-current terminal block - PTPOWER 95-3L-F
3260124 PHOENIX-3260124 Datasheet
62Kb / 4P
High-current terminal block - PTPOWER 95-3L/N-F
3260127 PHOENIX-3260127 Datasheet
62Kb / 4P
High-current terminal block - PTPOWER 95-3L/FE-F
3260130 PHOENIX-3260130 Datasheet
62Kb / 4P
High-current terminal block - PTPOWER 95-3L/N/FE-F
3212071 PHOENIX-3212071 Datasheet
419Kb / 17P
High-current terminal block - PTPOWER 35-3L/N/FE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com