Electronic Components Datasheet Search
  English  ▼

X  

ADGM1304 Datasheet (PDF) - Analog Devices

ADGM1304 Datasheet PDF - Analog Devices
Part # ADGM1304
Download  ADGM1304 Download
File Size   1448.36 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver

ADGM1304 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADGM1304 Datasheet PDF - Analog Devices

Part # ADGM1304
Download  ADGM1304 Click to download

File Size   1448.36 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver

ADGM1304 Datasheet (HTML) - Analog Devices


ADGM1304 Product details

GENERAL DESCRIPTION
The ADGM1304 is a wideband, single-pole, four-throw (SP4T)
switch, fabricated using Analog Devices, Inc., microelectromechanical
system (MEMS) switch technology. This technology
enables a small form factor, wide RF bandwidth, highly linear,
low insertion loss switch that is operational from 0 Hz/dc to
14 GHz, making the ADGM1304 an ideal solution for a wide
range of RF and precision equipment switching needs.
An integrated driver chip generates a high voltage to electrostatically
actuate a switch that can be controlled by a parallel
interface and a serial peripheral interface (SPI). All four switches
are independently controllable.
The device is packaged in a 24-lead, 5 mm × 4 mm × 0.95 mm,
lead frame chip-scale package (LFCSP).
To ensure optimum operation of the ADGM1304, the Critical
Operational Requirements section must be followed exactly.
The on resistance (RON) performance of the ADGM1304 is
affected by device to device variation, channel to channel
variation, cycle actuations, settling time post turn on, bias voltage,
and temperature changes.

FEATURES
Fully operational down to 0 Hz/dc
On resistance: 2.9 Ω (maximum)
Off leakage: 0.5 nA (maximum)
−3 dB bandwidth
11 GHz (typical) for RF1, RF4
14 GHz (typical) for RF2, RF3
RF performance characteristics
Insertion loss: 0.26 dB (typical) at 2.5 GHz
Isolation: 24 dB (typical) at 2.5 GHz
IIP3: 69 dBm (typical)
RF power: 36 dBm (maximum)
Actuation lifetime: 1 billion cycles (minimum)
Hermetically sealed switch contacts
On switching time: 75 μs (maximum)
Integrated driver removes the need for an external driver
Supply voltage: 3.0 V to 3.6 V
CMOS/LVTTL compatible
Parallel and SPI interface
Independently controllable switches
Switch is in an open state with no power supply present
Requirement to avoid floating nodes on all RFx pins (see the
Floating Node section)
24-lead, 5 mm × 4 mm × 0.95 mm, LFCSP
Operating temperature range: 0°C to 85°C

APPLICATIONS
Relay replacements
Automatic test equipment: RF/high speed digital and mixed
signals
Load and probe boards: RF/high speed digital and mixed
signals
RF test instrumentation
Reconfigurable filters and attenuators
High performance RF switching




Similar Part No. - ADGM1304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGM1304 AD-ADGM1304 Datasheet
595Kb / 21P
Fully operational down to 0 Hz/dc
REV. C
ADGM1304JCPZ-RL7 AD-ADGM1304JCPZ-RL7 Datasheet
595Kb / 21P
Fully operational down to 0 Hz/dc
REV. C
More results


Similar Description - ADGM1304

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
Switch, Single-Pole, Double-Throw DC-5.0 GHz
logo
Skyworks Solutions Inc.
SKY14151-350LF SKYWORKS-SKY14151-350LF Datasheet
505Kb / 7P
High-Power Single Pole Four Throw (SP4T) Switch with Decoder
logo
Pasternack Enterprises,...
PE71S6074 PASTERNACK-PE71S6074 Datasheet
412Kb / 4P
Single Pole Four Throw Relay Switch
logo
Teledyne Technologies I...
S2CP20101 TELEDYNE-S2CP20101 Datasheet
105Kb / 1P
DC TO 20 GHz NON REFLECTIVE SINGLE-POLE SINGLE-THROW SWITCH
logo
Analog Devices
ADGM1004 AD-ADGM1004 Datasheet
1Mb / 32P
0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
11/2019-Rev. C to Rev. D
ADGM1001 AD-ADGM1001 Datasheet
2Mb / 33P
0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1144 AD-ADGM1144 Datasheet
2Mb / 28P
0 Hz/DC to 18 GHz, SP4T, MEMS Switch
Rev. 0
ADGM1121 AD-ADGM1121 Datasheet
6Mb / 27P
0 Hz/DC to 18 GHz, DPDT, MEMS Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com