Electronic Components Datasheet Search
  English  ▼

X  

2701916 Datasheet (PDF) - PHOENIX CONTACT

2701916 Datasheet PDF - PHOENIX CONTACT
Part # 2701916
Download  2701916 Download
File Size   436.54 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description I/O module - AXL F DI8/1 DO8/1 1H

2701916 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701916 Datasheet PDF - PHOENIX CONTACT

Part # 2701916
Download  2701916 Click to download

File Size   436.54 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description I/O module - AXL F DI8/1 DO8/1 1H

2701916 Datasheet (HTML) - PHOENIX CONTACT


2701916 Product details

Axioline F, Digital I/O module, Digital inputs: 8, 24 V DC, connection technology: 1-conductor, Digital outputs: 8, 24 V DC, 500 mA, connection technology: 1-conductor, transmission speed in the local bus: 100 Mbps, degree of protection: IP20, including bus base module and Axioline F connectors

Product Description
The module is designed for use within an Axioline F station.
It is used to acquire and output digital signals.
You can adjust the filter times of the inputs to increase noise immunity.
Filter times of 100 μs enable you to implement a counter function with a maximum input frequency of 5 kHz in the application.
The outputs are protected against short circuit and overload.

Your advantages
8 digital inputs according to EN 61131-2 type 1 and type 3
24 V DC, 2.4 mA
Connection of sensors in 1-conductor technology
Filter times can be adjusted in three increments: < 100 μs, 1000 μs or 3000 μs
Maximum input frequency: 5 kHz
8 digital outputs
24 V DC, 500 mA
Connection of actuators in 1-conductor technology
Minimum update time of < 100 μs
Device rating plate stored




Similar Part No. - 2701916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701922 PHOENIX-2701922 Datasheet
57Kb / 2P
Data logging, trend display, and recipe management
2701926 PHOENIX-2701926 Datasheet
57Kb / 2P
Fully scalable process diagrams for using one design on different devices and monitor sizes
2701927 PHOENIX-2701927 Datasheet
77Kb / 3P
M-Bus connection for up to 30 devices
2701938 PHOENIX-2701938 Datasheet
56Kb / 2P
Multilingual software and projects, thanks to Unicode support and online selection
2701945 PHOENIX-2701945 Datasheet
46Kb / 2P
Remote user interface for Nanoline controllers. RS-232 interface allows mounting up to 15 m away.
More results


Similar Description - 2701916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8610 PHOENIX-8610 Datasheet
197Kb / 11P
AXL F DI16/1 HS 1H
8658 PHOENIX-8658 Datasheet
238Kb / 21P
AXL F AI4 I 1H
8670 PHOENIX-8670 Datasheet
228Kb / 14P
AXL F DI8/1 DO8/1 1H
1004925 PHOENIX-1004925 Datasheet
489Kb / 11P
I/O module - AXL F DO32/1 2H
12/24/2021
1035427 PHOENIX-1035427 Datasheet
469Kb / 8P
I/O module - AXL F DO8/2 2A XC 1H
12/24/2021
1035429 PHOENIX-1035429 Datasheet
478Kb / 10P
I/O module - AXL F AI2 AO2 XC 1H
12/24/2021
2688556 PHOENIX-2688556 Datasheet
501Kb / 9P
I/O module - AXL F RTD4 1H
12/24/2021
2701722 PHOENIX-2701722 Datasheet
385Kb / 9P
I/O module - AXL F DI16/1 HS 1H
12/24/2021
2702783 PHOENIX-2702783 Datasheet
377Kb / 8P
I/O module - AXL F DI8/2 24DC 1F
12/24/2021
2688491 PHOENIX-2688491 Datasheet
795Kb / 13P
Analog module - AXL F AI4 I 1H
Dec 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com