Electronic Components Datasheet Search
  English  ▼

X  

BA679S Datasheet (PDF) - Vishay Siliconix

BA679S Datasheet PDF - Vishay Siliconix
Part # BA679S
Download  BA679S Download
File Size   87.3 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RF PIN Diodes - Single in MiniMELF (SOD-80)

BA679S Datasheet (PDF)

Go To PDF Page Download Datasheet
BA679S Datasheet PDF - Vishay Siliconix

Part # BA679S
Download  BA679S Click to download

File Size   87.3 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RF PIN Diodes - Single in MiniMELF (SOD-80)

BA679S Datasheet (HTML) - Vishay Siliconix


BA679S Product details

FEATURES
• Wide frequency range 10 MHz to 1 GHz
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Current controlled HF resistance in adjustable attenuators

MECHANICAL DATA
Case: MiniMELF (SOD-80)
Weight: approx. 31 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box




Similar Part No. - BA679S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA679S VISHAY-BA679S Datasheet
50Kb / 4P
Silicon PIN Diodes
01-Apr-99
BA679S VISHAY-BA679S Datasheet
138Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD80
12-Sep-06
BA679S VISHAY-BA679S Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679S VISHAY-BA679S Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
More results


Similar Description - BA679S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S391D VISHAY-S391D_06 Datasheet
78Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Mar-06
BA979 VISHAY-BA979_10 Datasheet
213Kb / 5P
RF PIN Diodes - Single in QuadroMELF SOD-80
05-Aug-10
S391D VISHAY-S391D_10 Datasheet
107Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Jul-10
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
RF PIN Diodes - Single in QuadroMELF SOD-80
21-May-12
BA679 VISHAY-BA679_15 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679-M VISHAY-BA679-M Datasheet
95Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
02-Mar-15
BA679-M VISHAY-BA679-M_V01 Datasheet
88Kb / 4P
RF PIN Diodes - Single in MiniMELF (SOD-80)
07-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com