Electronic Components Datasheet Search
  English  ▼

X  

SB0800 Datasheet (PDF) - NXP Semiconductors

SB0800 Datasheet PDF - NXP Semiconductors
Part # SB0800
Download  SB0800 Download
File Size   1878.63 Kbytes
Page   68 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fully integrated octal valve controller system on chip

SB0800 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB0800 Datasheet PDF - NXP Semiconductors

Part # SB0800
Download  SB0800 Click to download

File Size   1878.63 Kbytes
Page   68 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fully integrated octal valve controller system on chip

SB0800 Datasheet (HTML) - NXP Semiconductors


SB0800 Product details

The SB0800 device is a valves and pump controller system designed for use in harsh industrial environments.
It has eight high-current low-side drivers for use with solenoid valves, and high-side gate drivers for use with controlling two external N-channel MOSFETs, for DC motor and a master relay for solenoid coils. Alongside this, the SB0800 has three analog to digital converters, plus a low-side driver allowing drive resistive charges. The SB0800 boosts an internal charge pump, permitting the high-side drivers to use inexpensive N-channel MOSFETs. The digital I/O pins can be configured for both 5.0 V and 3.3 V levels for easy connection to any microprocessor. The SB0800 uses standard SPI protocol communication.
The SB0800 is a perfect solution for hydraulic and pneumatic applications. This device is powered by SMARTMOS technology.

Features
•Operating voltage 6.0 V to 36 V
•Eight valves control
•Four current regulated valves up to 2.25 A (5.0 kHz)
•Four PWMed valves up to 5.0 A (5.0 kHz)
•High-side predriver for valves protection
•Pump motor predriver up to 500 Hz PWM
•16-bit SPI interface with watchdog
•Three 10-bit ADC channels
•High-side driver for general purpose (RDS(on) 1.0 Ω)
•Low-side driver for resistive charge (RDS(on) 14.0 Ω)
•Die temperature warning
•Supervision

Applications
Industrial Controller
•Spot Welding
•Dialysis machines
•Fluid Coating
•Blood pressure
•Temperature Control
•Soda dispensers
•Brake Pressure
•Laser Cutting
•Heavy equipment and construction machinery
•Bottle Moulding
•Fork lifts
•Filling Pressure
•3D Printer
•Oxygen Concentrator
•Water control system for irrigation (connected to farm tractor)
•Medical test equipment
•Food control in animal farm




Similar Part No. - SB0800

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SB080150WE10 MACOM-SB080150WE10 Datasheet
5Mb / 85P
tyco electronics contents
logo
ABC Taiwan Electronics ...
SB0805100ML ABC-SB0805100ML Datasheet
144Kb / 7P
SMD POWER INDUCTOR
SB0805101YL ABC-SB0805101YL Datasheet
144Kb / 7P
SMD POWER INDUCTOR
SB0805150ML ABC-SB0805150ML Datasheet
144Kb / 7P
SMD POWER INDUCTOR
SB0805151YL ABC-SB0805151YL Datasheet
144Kb / 7P
SMD POWER INDUCTOR
More results


Similar Description - SB0800

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
Zoran Corporation
ZR391055 ZORAN-ZR391055 Datasheet
66Kb / 2P
Integrated DTV System On a Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
logo
List of Unclassifed Man...
EM351 ETC2-EM351 Datasheet
11Mb / 240P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
Silicon Laboratories
EM351 SILABS-EM351_12 Datasheet
4Mb / 244P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
EM341 SILABS-EM341 Datasheet
3Mb / 237P
High-Performance, Integrated RF4CE System-on-Chip
EM342 SILABS-EM342 Datasheet
1Mb / 143P
High-Performance, Integrated RF4CE System-on-Chip
EM34X-VREVK SILABS-EM34X-VREVK Datasheet
16Mb / 237P
High-Performance, Integrated RF4CE System-on-Chip
EM357-RTR SILABS-EM357-RTR Datasheet
10Mb / 241P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
NXP Semiconductors
MC34SB0410 NXP-MC34SB0410 Datasheet
1Mb / 54P
Fully integrated quad valve controller system on chip
Rev. 3.0, 8/2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com