Electronic Components Datasheet Search
  English  ▼

X  

SB0410 Datasheet (PDF) - NXP Semiconductors

SB0410 Datasheet PDF - NXP Semiconductors
Part # SB0410
Download  SB0410 Download
File Size   1583.39 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fully integrated quad valve controller system on chip

SB0410 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB0410 Datasheet PDF - NXP Semiconductors

Part # SB0410
Download  SB0410 Click to download

File Size   1583.39 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fully integrated quad valve controller system on chip

SB0410 Datasheet (HTML) - NXP Semiconductors


SB0410 Product details

The SB0410 device is a SMARTMOS valve and motor controller system designed for use in harsh industrial environments.
It has four high-current low-side drivers for use with solenoid valves, and high-side gate pre-driver to control a DC motor through an inexpensive external N-channel MOSFETs. Alongside this, the SB0410 has three analog to digital converters, plus two low-side driver allowing to drive resistive charges. The digital I/O pins can be configured for both 5.0 V and 3.3 V levels for easy connection to any microprocessor. The SB0410 uses standard SPI protocol communication.
The SB0410 is a perfect solution for hydraulic and pneumatic applications.

Features
•Operating voltage 6.0 V to 36 V
•Four valves control
•Four current regulated valves up to 2.25 A (5.0 kHz)
•Pump motor pre-driver up to 16 kHz PWM
•16-bit SPI interface
•Three 10-bit ADC channels
•Two low-side driver for resistive charge (RDS(on) 14.0 Ω)
•Die temperature warning
•Supervision

Applications
Industrial Controller
•Spot Welding
•Dialysis machines
•Temperature Control
•Blood pressure
•Brake Pressure
•Soda dispensers
•Laser Cutting
•Bottle Moulding
•Heavy equipment and construction machinery
•Filling Pressure
•Fork lifts
•3D Printer
•Oxygen Concentrator
•Medical test equipment
•Water control system for irrigation (connected to farm tractor)
•Food control in animal farm




Similar Part No. - SB0410

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB040 GE-SB040 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SB040 BILIN-SB040 Datasheet
47Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040 VISHAY-SB040 Datasheet
353Kb / 4P
Miniature Schottky Barrier Rectifier
25-Apr-08
logo
Gulf Semiconductor
SB040 GULFSEMI-SB040 Datasheet
101Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
logo
Vishay Siliconix
SB040 VISHAY-SB040 Datasheet
78Kb / 5P
Miniature Schottky Barrier Plastic Rectifier
13-Aug-13
More results


Similar Description - SB0410

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
Zoran Corporation
ZR391055 ZORAN-ZR391055 Datasheet
66Kb / 2P
Integrated DTV System On a Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
logo
List of Unclassifed Man...
EM351 ETC2-EM351 Datasheet
11Mb / 240P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
Silicon Laboratories
EM351 SILABS-EM351_12 Datasheet
4Mb / 244P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
EM341 SILABS-EM341 Datasheet
3Mb / 237P
High-Performance, Integrated RF4CE System-on-Chip
EM342 SILABS-EM342 Datasheet
1Mb / 143P
High-Performance, Integrated RF4CE System-on-Chip
EM34X-VREVK SILABS-EM34X-VREVK Datasheet
16Mb / 237P
High-Performance, Integrated RF4CE System-on-Chip
EM357-RTR SILABS-EM357-RTR Datasheet
10Mb / 241P
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
NXP Semiconductors
MC34SB0800 NXP-MC34SB0800 Datasheet
1Mb / 68P
Fully integrated octal valve controller system on chip
Rev. 3.0, 8/2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com