Electronic Components Datasheet Search
  English  ▼

X  

SIC472 Datasheet (PDF) - Vishay Siliconix

SIC472 Datasheet PDF - Vishay Siliconix
Part # SIC472
Download  SIC472 Download
File Size   708.36 Kbytes
Page   25 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter

SIC472 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC472 Datasheet PDF - Vishay Siliconix

Part # SIC472
Download  SIC472 Click to download

File Size   708.36 Kbytes
Page   25 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter

SIC472 Datasheet (HTML) - Vishay Siliconix


SIC472 Product details

FEATURES
• Versatile
- Single supply operation from 4.5 V to 55 V
input voltage
- Adjustable output voltage down to 0.8 V
- Scalable solution 3 A (SiC474), 5 A (SiC473),
8 A (SiC472), 12 A (SiC471)
- Output voltage tracking and sequencing with pre-bias
start up
- ± 1 % output voltage accuracy at -40 °C to +125 °C
• Highly efficient
- 98 % peak efficiency
- 4 μA supply current at shutdown
- 235 μA operating current, not switching
• Highly configurable
- Adjustable switching frequency from 100 kHz to 2 MHz
- Adjustable soft start and adjustable current limit
- 3 modes of operation, forced continuous conduction,
power save or ultrasonic
• Robust and reliable
- Output over voltage protection
- Output under voltage / short circuit protection with auto
retry
- Power good flag and over temperature protection
- Supported by Vishay PowerCAD online design
simulation
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Industrial and automation
• Home automation
• Industrial and server computing
• Networking, telecom, and base station power supplies
• Unregulated wall transformer
• Robotics
• High end hobby electronics: remote control cars, planes,
and drones
• Battery management systems
• Power tools
• Vending, ATM, and slot machines

DESCRIPTION
The SiC47x is a family of wide input voltage, high efficiency
synchronous buck regulators with integrated high side
and low side power MOSFETs. Its power stage is capable
of supplying high continuous current at up to 2 MHz
switching frequency. This regulator produces an adjustable
output voltage down to 0.8 V from 4.5 V to 55 V input
rail to accommodate a variety of applications, including
computing, consumer electronics, telecom, and industrial.
SiC47x’s architecture allows for ultrafast transient response
with minimum output capacitance and tight ripple regulation
at very light load. The device enables loop stability
regardless of the type of output capacitor used, including
low ESR ceramic capacitors. The device also incorporates a
power saving scheme that significantly increases light load
efficiency. The regulator integrates a full protection feature
set, including over current protection (OCP), output
overvoltage protection (OVP), short circuit protection (SCP),
output undervoltage protection (UVP) and over temperature
protection (OTP). It also has UVLO for input rail and a user
programmable soft start.
The SiC47x family is available in 3 A, 5 A, 8 A, 12 A pin
compatible 5 mm by 5 mm lead (Pb)-free power enhanced
MLP55-27L package.




Similar Part No. - SIC472

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC472 VISHAY-SIC472 Datasheet
719Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
08-Mar-2021
SIC472ED-T1-GE3 VISHAY-SIC472ED-T1-GE3 Datasheet
779Kb / 26P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
04-Jul-2018
SIC472ED-T1-GE3 VISHAY-SIC472ED-T1-GE3 Datasheet
719Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
08-Mar-2021
SIC472EVB VISHAY-SIC472EVB Datasheet
779Kb / 26P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
04-Jul-2018
SIC472EVB VISHAY-SIC472EVB Datasheet
719Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
08-Mar-2021
More results


Similar Description - SIC472

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
logo
Vishay Siliconix
SIC437 VISHAY-SIC437_V01 Datasheet
2Mb / 27P
3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
27-Aug-2020
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck® DC/DC Converter With PMBus Interface
08-Mar-2021
SIC464 VISHAY-SIC464_V01 Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
SIC474 VISHAY-SIC474 Datasheet
779Kb / 26P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
04-Jul-2018
SIC479 VISHAY-SIC479 Datasheet
947Kb / 24P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
06-Dec-2021
SIC466 VISHAY-SIC466 Datasheet
942Kb / 24P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
06-Dec-2021
SIC967 VISHAY-SIC967 Datasheet
883Kb / 20P
4.5 V to 60 V Input, 6 A, microBRICKTM DC/DC Converter
18-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com