Electronic Components Datasheet Search
  English  ▼

X  

2907925 Datasheet (PDF) - PHOENIX CONTACT

2907925 Datasheet PDF - PHOENIX CONTACT
Part # 2907925
Download  2907925 Download
File Size   398.08 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/5DC/5/PT Power supply unit

2907925 Datasheet (PDF)

Go To PDF Page Download Datasheet
2907925 Datasheet PDF - PHOENIX CONTACT

Part # 2907925
Download  2907925 Click to download

File Size   398.08 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/5DC/5/PT Power supply unit

2907925 Datasheet (HTML) - PHOENIX CONTACT


2907925 Product details

Description
QUINT POWER power supplies are exceptionally small yet offer superior system availability in the sub 100 W power range.

Powerful
– Static boost of up to 125% (PN) for a sustained period
– Dynamic boost of up to 200% (PN) for 5 s
Space-saving
– Slim design
– Slim design for 120 mm control boxes
Preventive
– Function monitoring through adjustable signaling of power thresholds or output voltage
Durable
– Efficiency up to 90%
– Low power dissipation




Similar Part No. - 2907925

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907925 PHOENIX-2907925 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
2907925 PHOENIX-2907925 Datasheet
1Mb / 50P
QUINT4-PS/1AC/24DC/40
2019-11-11
2907925 PHOENIX-2907925 Datasheet
361Kb / 30P
QUINT4-PS/1AC/12DC/2.5/PT
2019-04-09
More results


Similar Description - 2907925

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902646 PHOENIX-2902646 Datasheet
60Kb / 5P
Power supply unit - TRIO-PS/ 1AC/ 5DC/10
2904374 PHOENIX-2904374 Datasheet
71Kb / 5P
Power supply unit - UNO-PS/1AC/ 5DC/ 25W
2904375 PHOENIX-2904375 Datasheet
68Kb / 5P
Power supply unit - UNO-PS/1AC/ 5DC/ 40W
2904608 PHOENIX-2904608 Datasheet
399Kb / 14P
Power supply unit - QUINT4-PS/1AC/12DC/15
11/16/2021
2904600 PHOENIX-2904600 Datasheet
246Kb / 19P
Power supply unit - QUINT4-PS/1AC/24DC/5
09/12/2020
2904601 PHOENIX-2904601 Datasheet
256Kb / 19P
Power supply unit - QUINT4-PS/1AC/24DC/10
09/12/2020
2904603 PHOENIX-2904603 Datasheet
211Kb / 15P
Power supply unit - QUINT4-PS/1AC/24DC/40
09/12/2020
2904605 PHOENIX-2904605 Datasheet
166Kb / 12P
Power supply unit - QUINT4-PS/1AC/12DC/2.5/PT
09/12/2020
2904613 PHOENIX-2904613 Datasheet
429Kb / 12P
Power supply unit - QUINT4-PS/1AC/110DC/4
04/22/2021
2904596 PHOENIX-2904596 Datasheet
721Kb / 18P
Power supply unit - QUINT4-PS/1AC/2X15DC/2/PT
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com