Electronic Components Datasheet Search
  English  ▼

X  

LM7171AMJFQMLV Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM7171AMJFQMLV Datasheet PDF - Texas Instruments
Part # LM7171AMJFQMLV
Download  LM7171AMJFQMLV Download
File Size   1505.67 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier

LM7171AMJFQMLV Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7171AMJFQMLV Datasheet PDF - Texas Instruments

Part # LM7171AMJFQMLV
Download  LM7171AMJFQMLV Click to download

File Size   1505.67 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier

LM7171AMJFQMLV Datasheet (HTML) - Texas Instruments


LM7171AMJFQMLV Product details

1FEATURES
23• (Typical Unless Otherwise Noted)
• Easy-To-Use Voltage Feedback Topology
• Very High Slew Rate: 2400V/μs
• Wide Unity-Gain Bandwidth: 200 MHz
• −3 dB Frequency @ A V = +2: 220 MHz
• Low Supply Current: 6.5 mA
• High Open Loop Gain: 85 dB
• High Output Current: 100 mA
• Specified for ±15V and ±5V Operation
• Available with Radiation Guarantee
– Total Ionizing Dose 300 Krad(Si)
– ELDRS Free 300 Krad(Si)




Similar Part No. - LM7171AMJFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171AMJFQMLV NSC-LM7171AMJFQMLV Datasheet
812Kb / 24P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AMJFQMLV NSC-LM7171AMJFQMLV Datasheet
1Mb / 31P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AMJFQMLV TI1-LM7171AMJFQMLV Datasheet
1Mb / 31P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AMJFQMLV TI1-LM7171AMJFQMLV Datasheet
1Mb / 31P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AMJFQMLV TI-LM7171AMJFQMLV Datasheet
1Mb / 31P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
More results


Similar Description - LM7171AMJFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP TI1-LM7171QML-SP Datasheet
1Mb / 31P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com