Electronic Components Datasheet Search
  English  ▼

X  

DRV8300 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DRV8300 Datasheet PDF - Texas Instruments
Part # DRV8300
Download  DRV8300 Download
File Size   1252.96 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver

DRV8300 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8300 Datasheet PDF - Texas Instruments

Part # DRV8300
Download  DRV8300 Click to download

File Size   1252.96 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver

DRV8300 Datasheet (HTML) - Texas Instruments


DRV8300 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C ≤ TA ≤ 125°C
• 100-V Three Phase Half-Bridge Gate driver
– Drives N-Channel MOSFETs (NMOS)
– Gate Driver Supply (GVDD): 5-20 V
– MOSFET supply (SHx) support upto 100 V
• Integrated Bootstrap Diodes
• Bootstrap gate drive architecture
– 750-mA source current
– 1.5-A sink current
• Supports up to 48-V auto systems
• Low leakage current on SHx pins (<55 μA)
• Absolute maximum BSTx voltage upto 115-V
• Supports negative transients upto -22-V on SHx
• Built-in cross conduction prevention
• Fixed deadtime insertion of 215 ns
• Supports 3.3-V and 5-V logic inputs with 20 V Abs
max
• 4 nS typical propogation delay matching
• Compact TSSOP package
• Efficient system design with Power Blocks
• Integrated protection features
– BST undervoltage lockout (BSTUV)
– GVDD undervoltage (GVDDUV)




Similar Part No. - DRV8300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8300 TI-DRV8300 Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 27P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI2-DRV8300 Datasheet
2Mb / 35P
DRV8300: 100-V Three-Phase BLDC Gate Driver
REVISED MARCH 2022
DRV8300-Q1 TI2-DRV8300-Q1 Datasheet
2Mb / 35P
DRV8300: 100-V Three-Phase BLDC Gate Driver
REVISED MARCH 2022
DRV8300D TI-DRV8300D Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
More results


Similar Description - DRV8300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
100-V Three-Phase Smart Gate Driver
DRV8300 TI-DRV8300 Datasheet
1Mb / 25P
DRV8300: Three-Phase BLDC Gate Driver
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
DRV8300: Three-Phase BLDC Gate Driver
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8328 TI-DRV8328_V02 Datasheet
3Mb / 51P
DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
MARCH 2022
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com