Electronic Components Datasheet Search
  English  ▼

X  

DG411 Datasheet (PDF) - Vishay Siliconix

DG411 Datasheet PDF - Vishay Siliconix
Part # DG411
Download  DG411 Download
File Size   271.53 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST CMOS Analog Switches

DG411 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG411 Datasheet PDF - Vishay Siliconix

Part # DG411
Download  DG411 Click to download

File Size   271.53 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST CMOS Analog Switches

DG411 Datasheet (HTML) - Vishay Siliconix


DG411 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
Definition
• 44 V supply max. rating
• ± 15 V analog signal range
• On-resistance - RDS(on): 25 Ω
• Fast switching - tON: 110 ns
• Ultra low power - PD: 0.35 μW
• TTL, CMOS compatible
• Single supply capability
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Widest dynamic range
• Low signal errors and distortion
• Break-bevor-make switching action
• Simple interfacing

APPLICATIONS
• Precision automatic test equipment
• Precision data acquisition
• Communication systems
• Battery powered systems
• Computer peripherals

DESCRIPTION
The DG411 series of monolithic quad analog switches was
designed to provide high speed, low error switching of
precision analog signals. Combining low power (0.35 μW)
with high speed (tON: 110 ns), the DG411 family is ideally
suited for portable and battery powered industrial and military
applications.
To achieve high-voltage ratings and superior switching
performance, the DG411 series was built on Vishay
Siliconix’s high voltage silicon gate process. An epitaxial
layer prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks input voltages up to the supply levels when
off.
The DG411, DG412 respond to opposite control logic as
shown in the Truth Table. The DG413 has two normally open
and two normally closed switches.




Similar Part No. - DG411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG411 INTERSIL-DG411 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
More results


Similar Description - DG411

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG411HS VISHAY-DG411HS Datasheet
145Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
11-Jun-07
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
Precision Monolithic Quad SPST CMOS Analog Switches
14-May-07
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
Precision Monolithic Quad SPST CMOS Analog Switches
05-Mar-12
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
Precision Monolithic Quad SPST CMOS Analog Switches
27-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com