Electronic Components Datasheet Search
  English  ▼

X  

DG308A Datasheet (PDF) - Vishay Siliconix

DG308A Datasheet PDF - Vishay Siliconix
Part # DG308A
Download  DG308A Download
File Size   214.87 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad Monolithic SPST CMOS Analog Switches

DG308A Datasheet (PDF)

Go To PDF Page Download Datasheet
DG308A Datasheet PDF - Vishay Siliconix

Part # DG308A
Download  DG308A Click to download

File Size   214.87 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad Monolithic SPST CMOS Analog Switches

DG308A Datasheet (HTML) - Vishay Siliconix


DG308A Product details

FEATURES
• ± 15 V analog input range
• Low on-resistance: 60 Ω
• Fast switching: 130 ns
• Low power dissipation: 30 nW
• CMOS logic compatible

BENEFITS
• Full rail-to-rail analog signal range
• Low signal error
• Wide dynamic range
• Single or dual supply capability
• Static protected logic inputs
• Space savings (TSSOP)

APPLICATIONS
• Portable and battery powered instrumentation
• Communication systems
• Computer peripherals
• High-speed multiplexing

DESCRIPTION
Featuring low on-resistance (60 Ω) and fast switching
(130 ns), the DG308A is supplied in the “normally open”
configuration while DG309 is supplied “normally closed”.
Input thresholds are high voltage CMOS compatible.
Designed with the Vishay Siliconix PLUS-40 CMOS process
to combine low power dissipation with a high breakdown
voltage rating of 44 V, each switch conducts equally well in
both directions when on, and blocks up to the supply voltage
when off. An epitaxial layer prevents latch up.
The DG308B, DG309B upgrades are recommended for new
designs.




Similar Part No. - DG308A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
November 1999
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG308A VISHAY-DG308A Datasheet
52Kb / 5P
Quad Monolithic SPST CMOS Analog Switches
28-Apr-97
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
187Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
May 2001
logo
Vishay Siliconix
DG308A VISHAY-DG308A Datasheet
99Kb / 6P
Quad Monolithic SPST CMOS Analog Switches
11-Jun-07
More results


Similar Description - DG308A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
Monolithic Quad SPST CMOS Analog Switches
June 1994
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
June 4, 2007
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
Quad Monolithic SPST CMOS Analog Switches
28-Feb-11
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
Monolithic Quad SPST CMOS Analog Switches
21-Feb-00
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com