Electronic Components Datasheet Search
  English  ▼

X  

DG2743 Datasheet (PDF) - Vishay Siliconix

DG2743 Datasheet PDF - Vishay Siliconix
Part # DG2743
Download  DG2743 Download
File Size   137.56 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, 0.8 Ω RON, Dual SPST Analog Switch

DG2743 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2743 Datasheet PDF - Vishay Siliconix

Part # DG2743
Download  DG2743 Click to download

File Size   137.56 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, 0.8 Ω RON, Dual SPST Analog Switch

DG2743 Datasheet (HTML) - Vishay Siliconix


DG2743 Product details

FEATURES
• Low voltage operation (1.6 V to 3.6 V)
• Low on-resistance - RDS(on): 0.8 Ω at 2.7 V
• High current handling capacity: 150 mA continuous
• Off-isolation: - 56 dB at 1 MHz
• Fast switching: 25 ns tON
• Low charge injection - QINJ: 5.8 pC
• Low power consumption: < 1 μW
• ESD protection > 2 000 V

BENEFITS
• High accuracy
• High bandwidth
• TTL and low voltage logic compatibility
• Low power consumption
• Reduced PCB space (SOT23-8 and MSOP-8)

APPLICATIONS
• Mixed signal routing
• Portable and battery operated systems
• Low voltage data acquisition
• Modems
• PCMCIA cards

DESCRIPTION
The DG2741, DG2742, DG2743 are low voltage, single
supply, dual SPST analog switches. Designed for high
performance switching of analog signals, the DG2741,
DG2742, DG2743 provide low on-resistance (0.8 Ω at
+ 2.7 V), fast speed (tON, tOFF at 35 ns and 33 ns) and the
ability to handle signals over the entire analog voltage range.
When operated on a + 3 V supply, control pins are
compatible with 1.8 V digital logic. Additionally, onresistance
flatness and matching (0.18 Ω and 0.08 Ω,
respectively) offer high accuracy between channels.
The DG2741 contains two normally open (NO) switches, the
DG2742 contains two normally closed (NC) switches, and
the DG2743 contains one normally open and one normally
closed switch. Break-before-make is guaranteed.
Built on Vishay Siliconix’s low voltage submicron CMOS
process, the DG2741, DG2742, DG2743 were designed to
offer solutions that extend beyond audio/video functions, to
providing the performance required for today’s demanding
mixed-signal switching in portable applications.




Similar Part No. - DG2743

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2743 VISHAY-DG2743 Datasheet
102Kb / 7P
Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
29-Dec-03
DG2743DQ-T1 VISHAY-DG2743DQ-T1 Datasheet
102Kb / 7P
Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
29-Dec-03
DG2743DS-T1 VISHAY-DG2743DS-T1 Datasheet
102Kb / 7P
Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
29-Dec-03
More results


Similar Description - DG2743

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
Low-Voltage, Low rON, Dual SPST Analog Switch
01-Aug-03
DG2741 VISHAY-DG2741 Datasheet
102Kb / 7P
Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
29-Dec-03
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Dual SPST Analog Switch
21-May-07
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
30-Apr-07
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com