Electronic Components Datasheet Search
  English  ▼

X  

3062773 Datasheet (PDF) - PHOENIX CONTACT

3062773 Datasheet PDF - PHOENIX CONTACT
Part # 3062773
Download  3062773 Download
File Size   58.06 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse - FUSE 10,3X85 20A PV

3062773 Datasheet (PDF)

Go To PDF Page Download Datasheet
3062773 Datasheet PDF - PHOENIX CONTACT

Part # 3062773
Download  3062773 Click to download

File Size   58.06 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse - FUSE 10,3X85 20A PV

3062773 Datasheet (HTML) - PHOENIX CONTACT


3062773 Product details

Fuse, 10.3 mm x 85 mm, up to 1200 V DC, gPV characteristic.

Your advantages
Use in PV lines with a nominal voltage of up to 1500 V DC
Designed in accordance with the photovoltaic standard IEC 60269-6
10 x 85 midget fuses for reliable protection of PV modules and their control system




Similar Part No. - 3062773

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3062778 PHOENIX-3062778 Datasheet
509Kb / 39P
QUINT4-PS/3AC/24DC/10
2016-11-29
More results


Similar Description - 3062773

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
228Kb / 2P
PV Fuse Protects Photovoltaic Panels up to 1000Vdc
HPV-DV-1A COOPER-HPV-DV-1A Datasheet
528Kb / 2P
Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
List of Unclassifed Man...
HPV-DV-1A ETC1-HPV-DV-1A Datasheet
528Kb / 2P
Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
HPV EATON-HPV_15 Datasheet
528Kb / 2P
Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Cyntec Co., Ltd.
FD-4030-12A-C1-C CYNTEC-FD-4030-12A-C1-C Datasheet
1,017Kb / 10P
FUSE
logo
Shanghai Leiditech Elec...
LM5N1500AP LEIDITECH-LM5N1500AP Datasheet
761Kb / 5P
FUSE
logo
PHOENIX CONTACT
2903384 PHOENIX-2903384 Datasheet
57Kb / 3P
Fuse - FUSE-10X38-20A-GR
09/12/2020
logo
Eaton All Rights Reserv...
SD1-D-PV EATON-SD1-D-PV Datasheet
71Kb / 1P
Eaton Bussmann series NH PV fuse block
logo
PHOENIX CONTACT
1220821 PHOENIX-1220821 Datasheet
176Kb / 4P
PV-PRO/OE-200/F-1500/5 - Fuse plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com