Electronic Components Datasheet Search
  English  ▼

X  

DG2616 Datasheet (PDF) - Vishay Siliconix

DG2616 Datasheet PDF - Vishay Siliconix
Part # DG2616
Download  DG2616 Download
File Size   161.65 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Dual SPDT Analog Switch with Charge Pump

DG2616 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2616 Datasheet PDF - Vishay Siliconix

Part # DG2616
Download  DG2616 Click to download

File Size   161.65 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Dual SPDT Analog Switch with Charge Pump

DG2616 Datasheet (HTML) - Vishay Siliconix


DG2616 Product details

FEATURES
• Low voltage operation (1.5 V to 3.6 V)
• Low on-resistance - RON: 4.2 Ω typ. at 2.7 V
• Fast switching: tON = 39 ns
tOFF = 8 ns
• DFN-10 package

BENEFITS
• Reduced power consumption
• High accuracy
• Reduce board space
• TTL/1.8 V logic compatible
• High bandwidth

APPLICATIONS
• Cellular phones
• Audio and video signal routing
• PCMCIA cards
• Battery operated systems

DESCRIPTION
The DG2616, DG2617, DG2618 are monolithic CMOS
analog switching products designed for high performance
switching of analog signals. Combining low power, high
speed, low on-resistance and small physical size, the
DG2616, DG2617, DG2618 are ideal for portable and
battery powered applications.
The DG2616, DG2617, DG2618 have built-in charge-pump
circuitry which lowers the minimum supply voltage to + 1.5 V
while maintaining low on-resistance. The Control circuitry
allows the DG2616, DG2617, DG2618 to operate in different
configurations.
Built on Vishay Siliconix's low voltage process, the DG2616,
DG2617, DG2618 has an epitaxial layer that prevents
latch-up. Break-before-make is guaranteed.
The DG2616, DG2617, DG2618 are manufactured in space
saving DFN-10 (3.0 x 3.0 mm). And as a committed partner
to the community and the environment, Vishay Siliconix
manufactures this product with lead (Pb)-free device
terminations and is 100 % RoHS compliant.




Similar Part No. - DG2616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2616 VISHAY-DG2616 Datasheet
151Kb / 9P
Low Voltage, Dual SPDT Analog Switch with Charge Pump
08-Sep-08
DG2616DN-T1-E4 VISHAY-DG2616DN-T1-E4 Datasheet
151Kb / 9P
Low Voltage, Dual SPDT Analog Switch with Charge Pump
08-Sep-08
More results


Similar Description - DG2616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2616 VISHAY-DG2616 Datasheet
151Kb / 9P
Low Voltage, Dual SPDT Analog Switch with Charge Pump
08-Sep-08
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com