Electronic Components Datasheet Search
  English  ▼

X  

DG2613 Datasheet (PDF) - Vishay Siliconix

DG2613 Datasheet PDF - Vishay Siliconix
Part # DG2613
Download  DG2613 Download
File Size   203.41 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability

DG2613 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2613 Datasheet PDF - Vishay Siliconix

Part # DG2613
Download  DG2613 Click to download

File Size   203.41 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability

DG2613 Datasheet (HTML) - Vishay Siliconix


DG2613 Product details

FEATURES
• Low voltage operation (1.8 V to 5.5 V)
• Low on-resistance - RON: 1.0 Ω at 2.7 V
• High bandwidth

BENEFITS
• Negative signal swing capability
• Shunt switch to eliminate switching noise
• Simplified design with direct DC coupling
• Space saving SC-89 package

APPLICATIONS
• Cellular phones
• Portable multimedia players
• PDAs and hand-held devices
• Laptop computers

DESCRIPTION
The DG2612, DG2613 is a low on-resistance, single-pole/
double-throw monolithic CMOS analog switch with negative
signal swing capability. It is designed for low voltage
applications. The DG2612, DG2613 is ideal for portable and
battery powered equipment, requiring high performance and
efficient use of board space. In additional to the low
on-resistance (1.0 Ω at 2.7 V), the DG2613 has a typical off
isolation and crosstalk of - 67 dB and - 73 dB respectively.
The DG2612, DG2613 is built on Vishay Siliconix’s low
voltage process.
Break-before-make is guaranteed.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
the lead (Pb)-free device terminations. For analog switching
products manufactured with 100 % matte tin device
terminations, the lead (Pb)-free “-E3” suffix is being used as
a designator.




Similar Part No. - DG2613

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2613 VISHAY-DG2613 Datasheet
162Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
28-Aug-06
DG2613 VISHAY-DG2613 Datasheet
155Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
29-Dec-08
DG2613DX-T1-E3 VISHAY-DG2613DX-T1-E3 Datasheet
162Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
28-Aug-06
DG2613DX-T1-E3 VISHAY-DG2613DX-T1-E3 Datasheet
155Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
29-Dec-08
More results


Similar Description - DG2613

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
28-Aug-06
logo
Fairchild Semiconductor
FSA2367 FAIRCHILD-FSA2367 Datasheet
102Kb / 2P
Low RON (0.75ohm) Triple-SPDT, Negative-Swing Audio Source Switch
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
FSA2269 FAIRCHILD-FSA2269_08 Datasheet
409Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
29-Dec-08
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com