Electronic Components Datasheet Search
  English  ▼

X  

DG2599 Datasheet (PDF) - Vishay Siliconix

DG2599 Datasheet PDF - Vishay Siliconix
Part # DG2599
Download  DG2599 Download
File Size   181.15 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Dual DPDT in miniQFN16

DG2599 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2599 Datasheet PDF - Vishay Siliconix

Part # DG2599
Download  DG2599 Click to download

File Size   181.15 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Dual DPDT in miniQFN16

DG2599 Datasheet (HTML) - Vishay Siliconix


DG2599 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
definition
• Low voltage operation: 1.65 V to 5.5 V
• Low on-resistance: 2.8 W at V+ = 3 V
• Power off protection on COM1 and COM2 pins
• Latch up current great than 300 mA per
JESD78
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Cellular phones
• PMPs and PDAs
• Modems and peripherals
• Computers and ebooks
• Tablet devices
• Displays and gaming
• STB

DESCRIPTION
The DG2599 is a CMOS Dual DPDT (Dual Double Pole
Double Throw) analog switch that operates over a wide
voltage range of 1.65 V to 5 V. It is optimized for portable
applications switching audio, SIM card signals, and other
low power signals.
The DG2599 features low ON resistance of 2.8 W at 3 V
power supply, fast switching speed, and low power
consumption even when control logic signals are below V+
power supply voltage. The well matched dual DPDT
switches conduct signals equally in both directions. The
DG2599 is designed to guarantee break before make
switching.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with lead (Pb)-free device terminations. DG2599 are offered
in a miniQFN package. The miniQFN package has a nickel
palladium- gold device termination and is represented by
the lead (Pb)-free “-E4” suffix. The nickel-palladium-gold
device terminations meet all JEDEC® standards for reflow
and MSL ratings.




Similar Part No. - DG2599

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2599 VISHAY-DG2599 Datasheet
158Kb / 8P
Low Voltage, Dual DPDT in miniQFN16
23-May-11
More results


Similar Description - DG2599

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
logo
Vishay Siliconix
DG2017 VISHAY-DG2017 Datasheet
77Kb / 7P
Low-Voltage, Low ON, Dual DPDT Analog Switch
26-May-03
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
Low-Voltage, Low rON, Dual DPDT Analog Switch
30-Apr-07
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
Low-Voltage, Low RON, Dual DPDT Analog Switch
13-Jun-11
DG2599 VISHAY-DG2599 Datasheet
158Kb / 8P
Low Voltage, Dual DPDT in miniQFN16
23-May-11
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Vishay Siliconix
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
DG2015 VISHAY-DG2015_V01 Datasheet
130Kb / 8P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com