Electronic Components Datasheet Search
  English  ▼

X  

DG1409 Datasheet (PDF) - Vishay Siliconix

DG1409 Datasheet PDF - Vishay Siliconix
Part # DG1409
Download  DG1409 Download
File Size   263.89 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers

DG1409 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG1409 Datasheet PDF - Vishay Siliconix

Part # DG1409
Download  DG1409 Click to download

File Size   263.89 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers

DG1409 Datasheet (HTML) - Vishay Siliconix


DG1409 Product details

FEATURES
• 35 V supply max. rating
• 3.2 Ω typical and 4.7 Ω max. on-resistance at
25 °C
• 0.5 Ω on-resistance flatness
• Channel to channel on-resistance match: 0.2 Ω
• Up to 250 mA continuous current
• Supports single and dual supply operation
• Fully specified at ± 15 V, +12 V, and ± 5 V
• Integrated VL supply
• Low voltage logic compatible inputs, VIH = 2 V, VIL = 0.8 V
• BBM (break-before-make switching)
• Low parasitic capacitance:
DG1408, CS(off) = 14 pF, CD(on) = 123 pF
DG1409, CS(off) = 14 pF, CD(on) = 81 pF
• Rail to rail signal handling
• QFN16, 4 mm × 4 mm packages
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Low insertion loss
• Low distortion
• Low power consumption
• Compact solution
• Low charge injection over the full signal range

APPLICATIONS
• Medical and healthcare equipment
• Data acquisition system
• Industrial control and automation
• Test and measurement equipment
• Communication systems
• Battery powered systems
• Sample and hold circuits
• Audio and video signal switching
• Relay replacement

DESCRIPTION
The DG1408 is a precision analog multiplexer comprising
eight single-ended channels. The DG1409 is a dual four
single-ended channels analog multiplexer. Built on a new
CMOS process, the Vishay Siliconix DG1408 and DG1409
offer low on-resistance of 3.2 Ω. The low and flat resistance
over the full signal range provides excellent linearity and low
signal distortion. The new CMOS platform also ensures ultra
low power dissipation, minimized parasitic capacitance, and
low charge injection.
The DG1408 and DG1409 can operate from either a single
4.5 V to 24 V power supply, or from dual ± 4.5 V to ± 15 V
power supplies. The DG1408 connects one of eight inputs
to a common output as determined by a 3-bit binary
address (A0, A1, A2). The DG1409 connects one of four
inputs to a common output for both multiplexers as
determined by a 2-bit binary address (A0 and A1).
Break-before-make switching action protects against
momentary crosstalk between adjacent channels. The part
does not require a VL logic supply, while all digital inputs
have 0.8 V and 2 V logic thresholds to ensure low-voltage
TTL / CMOS compatibility. Together with the compact
package, these make the part a great fit for battery operated
systems.
The DG1408 and DG1409 on channel conduct signal equally
well in both directions. In the off state each channel blocks
voltages up to the power supply rails. An enable (EN)
function allows the user to reset the multiplexer /
demultiplexer to all switches off for stacking several
devices.
The advance performance of low insertion loss and low
distortion make the device ideal for signal switching and
relay replacement in a wide range of applications.
DG1408 and DG1409 are available in RoHS-compliant,
halogen-free QFN16, 4 mm x 4 mm package.




Similar Part No. - DG1409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1409 VISHAY-DG1409 Datasheet
254Kb / 14P
3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
22-Sep-14
DG1409E VISHAY-DG1409E Datasheet
431Kb / 14P
3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
06-Feb-17
DG1409EEN-T1-GE4 VISHAY-DG1409EEN-T1-GE4 Datasheet
431Kb / 14P
3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
06-Feb-17
More results


Similar Description - DG1409

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
7/06-Revision 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
4- and 8-Channel -15 V/12 V Multiplexers
4/06-Revision 0
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Vishay Siliconix
DG1408 VISHAY-DG1408 Datasheet
254Kb / 14P
3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
22-Sep-14
DG9409E VISHAY-DG9409E_V01 Datasheet
327Kb / 15P
3.2 Ω, Fast Switching Speed, 12 V / 5 V / 3 V / ± 5 V, 4- / 8-Channel Analog Multiplexers
25-Jul-16
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com