Electronic Components Datasheet Search
  English  ▼

X  

SI1869DH Datasheet (PDF) - Vishay Siliconix

SI1869DH Datasheet PDF - Vishay Siliconix
Part # SI1869DH
Download  SI1869DH Download
File Size   184.21 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Load Switch with Level-Shift

SI1869DH Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1869DH Datasheet PDF - Vishay Siliconix

Part # SI1869DH
Download  SI1869DH Click to download

File Size   184.21 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Load Switch with Level-Shift

SI1869DH Datasheet (HTML) - Vishay Siliconix


SI1869DH Product details

FEATURES
• TrenchFET® Power MOSFETS: 1.8 V Rated
• ESD Protected: 2000 V On Input Switch,
VON/OFF
• 165 mΩ Low rDS(on)
• 1.8 to 20 V Input
• 1.5 to 8 V Logic Level Control
• Low Profile, Small Footprint SC70-6 Package
• Adjustable Slew-Rate

APPLICATIONS
• Level Shift for Portable Devices

DESCRIPTION
The Si1869DH includes a P- and N-Channel MOSFET in a
single SC70-6 package. The low on-resistance P-Channel
TrenchFET is tailored for use as a load switch. The N-Channel,
with an external resistor, can be used as a level-shift to
drive the P-Channel load-switch. The N-Channel MOSFET
has internal ESD protection and can be driven by logic signals
as low as 1.5 V. The Si1869DH operates on supply lines
from 1.8 to 20 V, and can drive loads up to 1.2 A.




Similar Part No. - SI1869DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1869DH VISHAY-SI1869DH Datasheet
108Kb / 7P
Load Switch with Level-Shift
09-Oct-06
SI1869DH VISHAY-SI1869DH Datasheet
261Kb / 11P
Load Switch with Level-Shift
12-Mar-18
SI1869DH-T1-E3 VISHAY-SI1869DH-T1-E3 Datasheet
108Kb / 7P
Load Switch with Level-Shift
09-Oct-06
logo
TECH PUBLIC Electronics...
SI1869DH-T1-E3 TECHPUBLIC-SI1869DH-T1-E3 Datasheet
2Mb / 5P
Load Switch with Level-Shift
SI1869DH-T1-GE3 TECHPUBLIC-SI1869DH-T1-GE3 Datasheet
2Mb / 5P
Load Switch with Level-Shift
More results


Similar Description - SI1869DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
Load Switch with Level-Shift
04-Mar-02
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
Load Switch with Level-Shift
05-Aug-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
Load Switch with Level-Shift
20-Sep-10
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
Load Switch with Level-Shift
08-Nov-10
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
Load Switch with Level-Shift
12-Oct-09
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
Load Switch with Level-Shift
08-Sep-14
logo
TECH PUBLIC Electronics...
TPNTJD1155LT1G TECHPUBLIC-TPNTJD1155LT1G_V01 Datasheet
3Mb / 5P
Load Switch with Level-Shift
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
Load Switch with Level-Shift
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com