Electronic Components Datasheet Search
  English  ▼

X  

SI4946CDY Datasheet (PDF) - Vishay Siliconix

SI4946CDY Datasheet PDF - Vishay Siliconix
Part # SI4946CDY
Download  SI4946CDY Download
File Size   232.15 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 60 V (D-S) MOSFET

SI4946CDY Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4946CDY Datasheet PDF - Vishay Siliconix

Part # SI4946CDY
Download  SI4946CDY Click to download

File Size   232.15 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 60 V (D-S) MOSFET

SI4946CDY Datasheet (HTML) - Vishay Siliconix


SI4946CDY Product details

FEATURES
• TrenchFET® power MOSFET
• 100 % Rg tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• DC/DC converter
• Load switch
• Inverters
• Circuit protection




Similar Part No. - SI4946CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
126Kb / 7P
Dual N-Channel 60-V (D-S) 175 C MOSFET
23-May-05
logo
Vishay Telefunken
SI4946BEY TFUNK-SI4946BEY Datasheet
262Kb / 10P
Dual N-Channel 60-V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
193Kb / 9P
Dual N-Channel 60-V (D-S) 175 °C MOSFET
16-Nov-09
logo
TECH PUBLIC Electronics...
SI4946BEY TECHPUBLIC-SI4946BEY Datasheet
3Mb / 5P
Dual N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SI4946BEY-T1-E3 VBSEMI-SI4946BEY-T1-E3 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - SI4946CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
Dual N-Channel 60-V (D-S) MOSFET
02-Mar-09
logo
Analog Power
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
Dual N-Channel 60-V (D-S) MOSFET
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
Dual N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
435YW VBSEMI-435YW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
SSM6N7002BFU VBSEMI-SSM6N7002BFU Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
Dual N-Channel 60 V (D-S) MOSFET
04-Aug-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com