Electronic Components Datasheet Search
  English  ▼

X  

SI9110/9111 Datasheet (PDF) - Vishay Siliconix

SI9110/9111 Datasheet PDF - Vishay Siliconix
Part # SI9110/9111
Download  SI9110/9111 Download
File Size   170.03 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Switchmode Controllers

SI9110/9111 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9110/9111 Datasheet PDF - Vishay Siliconix

Part # SI9110/9111
Download  SI9110/9111 Click to download

File Size   170.03 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Switchmode Controllers

SI9110/9111 Datasheet (HTML) - Vishay Siliconix


SI9110/9111 Product details

FEATURES
10- to 120-V Input Range
Current-Mode Control
High-Speed, Source-Sink Output Drive
High Efficiency Operation (> 80%)
Internal Start-Up Circuit
Internal Oscillator (1 MHz)
SHUTDOWN and RESET
Reference Selection
Si9110 − 1%
Si9111 − 10%
DESCRIPTION
The Si9110/9111 are BiC/DMOS integrated circuits designed
for use as high-performance switchmode controllers. A
high-voltage DMOS input allows the controller to work over a
wide range of input voltages (10- to 120-VDC). Current-mode
PWM control circuitry is implemented in CMOS to reduce
internal power consumption to less than 10 mW.
A push-pull output driver provides high-speed switching for
MOSPOWER devices large enough to supply 50 W of output
power. When combined with an output MOSFET and
transformer, the Si9110/9111 can be used to implement
single-ended power converter topologies (i.e., flyback,
forward, and cuk).
The Si9110/9111 are available in both standard and
lead (Pb)-free 14-pin plastic DIP and SOIC packages which
are specified to operate over the industrial temperature range
of −40 C to 85 C.




Similar Part No. - SI9110/9111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
High-Voltage Switchmode Controllers
15-Nov-04
SI9110 VISHAY-SI9110 Datasheet
167Kb / 9P
High-Voltage Switchmode Controllers
16-May-11
SI9110DJ VISHAY-SI9110DJ Datasheet
107Kb / 8P
High-Voltage Switchmode Controllers
15-Nov-04
SI9110DJ VISHAY-SI9110DJ Datasheet
167Kb / 9P
High-Voltage Switchmode Controllers
16-May-11
SI9110DJ-E3 VISHAY-SI9110DJ-E3 Datasheet
107Kb / 8P
High-Voltage Switchmode Controllers
15-Nov-04
More results


Similar Description - SI9110/9111

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
logo
Vishay Siliconix
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
High-Voltage Switchmode Controllers
15-Nov-04
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
3-W High-Voltage Switchmode Regulator
19-Mar-07
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
High-Voltage Switchmode Controllers
16-May-11
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
high-voltage switchmode controllers
logo
Vishay Siliconix
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
High-Voltage Switchmode Regulator
05-Apr-99
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
High-Voltage Switchmode Regulator
05-Apr-99
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
High-Voltage Switchmode Controller
15-Nov-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com