Electronic Components Datasheet Search
  English  ▼

X  

SI8902EDB Datasheet (PDF) - Vishay Siliconix

SI8902EDB Datasheet PDF - Vishay Siliconix
Part # SI8902EDB
Download  SI8902EDB Download
File Size   249.1 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bi-Directional N-Channel 20 V (D-S) MOSFET

SI8902EDB Datasheet (PDF)

Go To PDF Page Download Datasheet
SI8902EDB Datasheet PDF - Vishay Siliconix

Part # SI8902EDB
Download  SI8902EDB Click to download

File Size   249.1 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bi-Directional N-Channel 20 V (D-S) MOSFET

SI8902EDB Datasheet (HTML) - Vishay Siliconix


SI8902EDB Product details

FEATURES
• TrenchFET® power MOSFET
• Ultra-low RSS(on)
• ESD protected: 4000 V
• MICRO FOOT® chipscale packaging reduces
footprint area profile (0.62 mm) and on-resistance
per footprint area

APPLICATIONS
• Battery protection circuit
- 1-2 cell Li+/LiP battery pack for portable devices




Similar Part No. - SI8902EDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8902EDB VISHAY-SI8902EDB Datasheet
58Kb / 5P
Bi-Directional N-Channel 20-V (D-S) MOSFET
05-Aug-02
SI8902EDB VISHAY-SI8902EDB Datasheet
193Kb / 4P
Bi-Directional N-Channel 20-V (D-S) MOSFET
23-Jan-06
SI8902EDB VISHAY-SI8902EDB Datasheet
205Kb / 9P
Bi-Directional N-Channel 20-V (D-S) MOSFET
22-Dec-08
SI8902EDB-T2-E1 VISHAY-SI8902EDB-T2-E1 Datasheet
205Kb / 9P
Bi-Directional N-Channel 20-V (D-S) MOSFET
22-Dec-08
SI8902EDB VISHAY-SI8902EDB_06 Datasheet
193Kb / 4P
Bi-Directional N-Channel 20-V (D-S) MOSFET
23-Jan-06
More results


Similar Description - SI8902EDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8902EDB VISHAY-SI8902EDB Datasheet
58Kb / 5P
Bi-Directional N-Channel 20-V (D-S) MOSFET
05-Aug-02
SI8901EDB VISHAY-SI8901EDB Datasheet
220Kb / 3P
Bi-Directional P-Channel 20-V (D-S) MOSFET
19-Apr-04
SI8900EDB VISHAY-SI8900EDB Datasheet
56Kb / 5P
Bi-Directional N-Channel 20-V (D-S) MOSFET
26-Aug-02
SI8901EDB VISHAY-SI8901EDB_06 Datasheet
190Kb / 4P
Bi-Directional P-Channel 20-V (D-S) MOSFET
23-Jan-06
SI8902EDB VISHAY-SI8902EDB_06 Datasheet
193Kb / 4P
Bi-Directional N-Channel 20-V (D-S) MOSFET
23-Jan-06
SI8902EDB VISHAY-SI8902EDB_08 Datasheet
205Kb / 9P
Bi-Directional N-Channel 20-V (D-S) MOSFET
22-Dec-08
SI8901EDB VISHAY-SI8901EDB_V01 Datasheet
101Kb / 6P
Bi-Directional P-Channel 20-V (D-S) MOSFET
08-Sep-08
SI8904EDB VISHAY-SI8904EDB_V01 Datasheet
103Kb / 6P
Bi-Directional N-Channel 30-V (D-S) MOSFET
08-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com