Electronic Components Datasheet Search
  English  ▼

X  

CBTU02044 Datasheet (PDF) - NXP Semiconductors

CBTU02044 Datasheet PDF - NXP Semiconductors
Part # CBTU02044
Download  CBTU02044 Download
File Size   352.21 Kbytes
Page   23 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed two-differential channels 1-to-2 switch

CBTU02044 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTU02044 Datasheet PDF - NXP Semiconductors

Part # CBTU02044
Download  CBTU02044 Click to download

File Size   352.21 Kbytes
Page   23 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed two-differential channels 1-to-2 switch

CBTU02044 Datasheet (HTML) - NXP Semiconductors


CBTU02044 Product details

General description
CBTU02044 is a high-speed differential 1-to-2 switching chip optimized to interface
with PCIe4.0 for server and client applications. This high performance switch chip could
be used for other high-speed interfaces such as PCIe-Gen4, MIPI, DP1.4, and DDR.
CBTU02044 also functions as a 2-to-1 MUX by selecting 1 (Port A) as output out of one
of the two differential ports (either Port B or C).
Pinouts are optimized for minimum number of layout layers and for achievement of very
low crosstalk to meet stringent crosstalk requirements at higher data rate. CBTU02044 is
a small package with optimized footprint for smaller real estate occupancy.
CBTU02044 is available in 1.6 mm x 2.4 mm x 0.5 mm HUQFN16 package with 0.4 mm
pitch.

Features and benefits
• Optimized high-speed signal integrity
• Minimize crosstalk to meet stringent PCIe4.0 requirement
• Two-differential channels 1-to-2 switch/2-to-1 mux
– Low insertion loss (typ): 0.56 dB at 100 MHz; 1.1 dB at 5 GHz; 1.5 dB at 8 GHz
– Low off-state isolation: -70 dB at 100 MHz, -23 dB at 5 GHz, -18 dB at 8 GHz
– Low return loss (typ): 21 dB at 2.5 GHz; 18 dB at 5 GHz; 15 dB at 8 GHz
– Low ON-state resistance: 10 Ω (typ)
– 3 dB bandwidth (typ): 17 GHz (typ)
– DDNEXT < -50 dB @ 8 GHz
– DDFEXT < -48 dB @ 8 GHz
– VIC common mode input voltage VIC: 0 V to 2 V
– Differential input voltage VID <1.6 V
– Intra-pair skew <4 ps
• VDD power supply voltage range: 1.62 V to 3.63 V
• Low current consumption:
– For active mode = 200 μA (typ)
– For power-saving = 3 μA (typ)
• CMOS SEL and XSD pins
• Back current protection on all I/O pins of these switches
• Patent pending high performance analog pass-gate technology
• All channels support rail-to-rail input voltage (up to 2.4 V)
• HUQFN16 1.6 mm × 2.4 mm × 0.5 mm package with 0.4 mm pitch
• ESD: 2000 V HBM; 1000 V CDM
• Operating temperature range: -40 °C to +85 °C




Similar Part No. - CBTU02044

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU02044 NXP-CBTU02044 Datasheet
360Kb / 24P
High-speed two-differential channels 1-to-2 switch
Rev.1.1-28 September2021
CBTU02044HE NXP-CBTU02044HE Datasheet
360Kb / 24P
High-speed two-differential channels 1-to-2 switch
Rev.1.1-28 September2021
CBTU02044HEJ NXP-CBTU02044HEJ Datasheet
360Kb / 24P
High-speed two-differential channels 1-to-2 switch
Rev.1.1-28 September2021
More results


Similar Description - CBTU02044

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Texas Instruments
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
logo
Will Semiconductor Ltd.
WAS4644C WILLSEMI-WAS4644C Datasheet
367Kb / 6P
MIPI D-PHY 1.5Gbps, 5-Channel Differential, 2:1/1:2 High Speed Switch
logo
Texas Instruments
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
NXP Semiconductors
CBTU02043 NXP-CBTU02043 Datasheet
358Kb / 21P
High-speed differential 1-to-2 switch
Rev. 3.1-23 September2021
CBTU02044 NXP-CBTU02044 Datasheet
360Kb / 24P
High-speed two-differential channels 1-to-2 switch
Rev.1.1-28 September2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com