| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
REFD5512
|
119Kb / 5P |
Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012 |
 Wurth Elektronik GmbH &... |
17791063215
|
3Mb / 44P |
8V ??42V / 1W / 2kV functional isolated regulated 3.3V ??6V adjustable Output
1.0 May 2018 |
|
1769205132
|
2Mb / 31P |
5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022 |
|
1789205X1
|
953Kb / 24P |
FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1 |
|
1769205X41
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 |
|
1769405X41
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 |
|
1779205X11
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0 |
|
1779205X41
|
2Mb / 35P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 |
|
1779405X11
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output
version 1.0 |
|
1779405X41
|
2Mb / 36P |
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 |