Electronic Components Datasheet Search
  English  ▼

X  

DG9453 Datasheet (PDF) - Vishay Siliconix

DG9453 Datasheet PDF - Vishay Siliconix
Part # DG9453
Download  DG9453 Download
File Size   216.69 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8-Channel, Triple 2-Channel Multiplexers

DG9453 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9453 Datasheet PDF - Vishay Siliconix

Part # DG9453
Download  DG9453 Click to download

File Size   216.69 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8-Channel, Triple 2-Channel Multiplexers

DG9453 Datasheet (HTML) - Vishay Siliconix


DG9453 Product details

• +2.7 V to +12 V single supply operation
± 2.5 V to ± 5 V dual supply operation
• Fully specified at +12 V, +5 V, ± 5 V
• Low charge injection (< 0.5 pC typ.)
• High bandwidth: 270 MHz
• Low switch capacitance (Cs(off) 1 pF typ.)
• Good isolation and crosstalk performance
(typ. -44 dB at 100 MHz)
• MiniQFN16 package (1.8 mm x 2.6 mm)




Similar Part No. - DG9453

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9453 VISHAY-DG9453 Datasheet
182Kb / 13P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
04-Oct-10
DG9453EN-T1-E4 VISHAY-DG9453EN-T1-E4 Datasheet
182Kb / 13P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
04-Oct-10
More results


Similar Description - DG9453

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4053A TI-SN54LV4053A Datasheet
558Kb / 20P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4053A TI-SN54LV4053A_07 Datasheet
820Kb / 22P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
21-Jun-10
DG9251 VISHAY-DG9251 Datasheet
273Kb / 15P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Aug-11
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
04-Oct-10
logo
Unisonic Technologies
4053 UTC-4053_12 Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053 Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4053A TI1-SN54LV4053A_15 Datasheet
1Mb / 27P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Vishay Siliconix
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Aug-11
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
21-Jun-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com