Electronic Components Datasheet Search
  English  ▼

X  

VSLY5850 Datasheet (PDF) - Vishay Siliconix

VSLY5850 Datasheet PDF - Vishay Siliconix
Part # VSLY5850
Download  VSLY5850 Download
File Size   111.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology

VSLY5850 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSLY5850 Datasheet PDF - Vishay Siliconix

Part # VSLY5850
Download  VSLY5850 Click to download

File Size   111.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology

VSLY5850 Datasheet (HTML) - Vishay Siliconix


VSLY5850 Product details

• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength: λp = 850 nm
• High reliability
• High radiant power
• High radiant intensity
• Narrow angle of half intensity: ϕ = ± 3°
• Suitable for high pulse current operation
• Good spectral matching with CMOS cameras




Similar Part No. - VSLY5850

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSLY5850 VISHAY-VSLY5850 Datasheet
89Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
13-Oct-10
VSLY5850 VISHAY-VSLY5850 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
28-Mar-13
VSLY5850 VISHAY-VSLY5850 Datasheet
110Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
28-Mar-13
VSLY5850 VISHAY-VSLY5850_13 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
28-Mar-13
VSLY5850 VISHAY-VSLY5850_V02 Datasheet
110Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
28-Mar-13
More results


Similar Description - VSLY5850

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSLY3850 VISHAY-VSLY3850 Datasheet
104Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
13-Oct-10
VSMY3850 VISHAY-VSMY3850_11 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
31-May-11
VSMY2853SL VISHAY-VSMY2853SL Datasheet
185Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
28-Mar-13
VSLY3850 VISHAY-VSLY3850_16 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
14-Jan-16
VSMY2853SL VISHAY-VSMY2853SL_V01 Datasheet
153Kb / 6P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
31-Jul-2018
VSLY3850 VISHAY-VSLY3850_V01 Datasheet
107Kb / 5P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
14-Jan-16
VSMY3850 VISHAY-VSMY3850_V01 Datasheet
129Kb / 6P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
24-Sep-13
VSMY385010 VISHAY-VSMY385010_V02 Datasheet
144Kb / 7P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-May-15
VSMY2853SL VISHAY-VSMY2853SL_V02 Datasheet
153Kb / 6P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
31-Jul-2018
VSMY3850 VISHAY-VSMY3850_V02 Datasheet
128Kb / 6P
High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
24-Sep-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com