Electronic Components Datasheet Search
  English  ▼

X  

TLUR2401 Datasheet (PDF) - Vishay Siliconix

TLUR2401 Datasheet PDF - Vishay Siliconix
Part # TLUR2401
Download  TLUR2401 Download
File Size   762.44 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package

TLUR2401 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLUR2401 Datasheet PDF - Vishay Siliconix

Part # TLUR2401
Download  TLUR2401 Click to download

File Size   762.44 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package

TLUR2401 Datasheet (HTML) - Vishay Siliconix


TLUR2401 Product details

• For DC and pulse operation
• Luminous intensity categorized
• End-to-end stackable in centre-to-centre
spacing of 0.1" (2.54 mm)




Similar Part No. - TLUR2401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR2401 VISHAY-TLUR2401 Datasheet
763Kb / 5P
Luminous intensity categorized
22-Apr-13
TLUR2401 VISHAY-TLUR2401 Datasheet
761Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUR2401-AS12 VISHAY-TLUR2401-AS12 Datasheet
763Kb / 5P
Luminous intensity categorized
22-Apr-13
TLUR2401-AS12 VISHAY-TLUR2401-AS12 Datasheet
761Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUR2401 VISHAY-TLUR2401_V02 Datasheet
761Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
More results


Similar Description - TLUR2401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR240 VISHAY-TLUR240 Datasheet
112Kb / 8P
Universal LED, 1.8 mm Tinted Diffused Miniplast Package
04-Feb-99
TLUY240 VISHAY-TLUY240_V01 Datasheet
385Kb / 9P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
15-Sep-2021
TLUO2401 VISHAY-TLUO2401 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
TLPG5600V02 VISHAY-TLPG5600V02 Datasheet
210Kb / 9P
Side View LED, Ø 5 mm Tinted Diffused Package
14-Sep-2022
TLUG240 VISHAY-TLUG240_V02 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUR2401 VISHAY-TLUR2401_V02 Datasheet
761Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
Universal LED in Ø 3 mm Tinted Diffused Package
16-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com