Electronic Components Datasheet Search
  English  ▼

X  

TLUG240 Datasheet (PDF) - Vishay Siliconix

TLUG240 Datasheet PDF - Vishay Siliconix
Part # TLUG240
Download  TLUG240 Download
File Size   385.64 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package

TLUG240 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLUG240 Datasheet PDF - Vishay Siliconix

Part # TLUG240
Download  TLUG240 Click to download

File Size   385.64 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package

TLUG240 Datasheet (HTML) - Vishay Siliconix


TLUG240 Product details

• Three colors
• For DC and pulse operation
• Luminous intensity categorized
• End-to-end stackable in center-to-center
spacing of 0.1" (2.54 mm)




Similar Part No. - TLUG240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUG240 VISHAY-TLUG240 Datasheet
112Kb / 8P
Universal LED, 1.8 mm Tinted Diffused Miniplast Package
04-Feb-99
TLUG240. VISHAY-TLUG240. Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUG240. VISHAY-TLUG240. Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUG2400 VISHAY-TLUG2400 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUG2400 VISHAY-TLUG2400 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
More results


Similar Description - TLUG240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR240 VISHAY-TLUR240 Datasheet
112Kb / 8P
Universal LED, 1.8 mm Tinted Diffused Miniplast Package
04-Feb-99
TLUR240 VISHAY-TLUR240_V01 Datasheet
762Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUO2401 VISHAY-TLUO2401 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
TLPG5600V02 VISHAY-TLPG5600V02 Datasheet
210Kb / 9P
Side View LED, Ø 5 mm Tinted Diffused Package
14-Sep-2022
TLUG240 VISHAY-TLUG240_V02 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUR2401 VISHAY-TLUR2401_V02 Datasheet
761Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
Universal LED in Ø 3 mm Tinted Diffused Package
16-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com