Electronic Components Datasheet Search
  English  ▼

X  

TLHP4201 Datasheet (PDF) - Vishay Siliconix

TLHP4201 Datasheet PDF - Vishay Siliconix
Part # TLHP4201
Download  TLHP4201 Download
File Size   112.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED in Ø 3 mm Tinted Clear Package

TLHP4201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHP4201 Datasheet PDF - Vishay Siliconix

Part # TLHP4201
Download  TLHP4201 Click to download

File Size   112.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED in Ø 3 mm Tinted Clear Package

TLHP4201 Datasheet (HTML) - Vishay Siliconix


TLHP4201 Product details

• Standard Ø 3 mm (T-1) package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Very high intensity
• Luminous intensity and color categorized
• ESD-withstand voltage: up to 2 kV HBM
according to JESD22-A114-B




Similar Part No. - TLHP4201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHP4201 VISHAY-TLHP4201 Datasheet
313Kb / 10P
High Efficiency LED, 3 mm Tinted Undiffused Package
31-Aug-04
More results


Similar Description - TLHP4201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4400 VISHAY-TLDR4400_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLDR4901 VISHAY-TLDR4901_V01 Datasheet
110Kb / 5P
High Intensity LED in Ø 3 mm Clear Package
10-Dec-15
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26_V02 Datasheet
104Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHE4600 VISHAY-TLHE4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK4400L VISHAY-TLHK4400L_V02 Datasheet
110Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
21-Feb-18
TLHK44R1S2 VISHAY-TLHK44R1S2_V02 Datasheet
109Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLLK4401 VISHAY-TLLK4401_V02 Datasheet
139Kb / 7P
High Intensity LED in Ø 3 mm Tinted Diffused Package
19-Nov-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com