Electronic Components Datasheet Search
  English  ▼

X  

TLHO440 Datasheet (PDF) - Vishay Siliconix

TLHO440 Datasheet PDF - Vishay Siliconix
Part # TLHO440
Download  TLHO440 Download
File Size   209.15 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency LED in Ø 3 mm Tinted Diffused Package

TLHO440 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHO440 Datasheet PDF - Vishay Siliconix

Part # TLHO440
Download  TLHO440 Click to download

File Size   209.15 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency LED in Ø 3 mm Tinted Diffused Package

TLHO440 Datasheet (HTML) - Vishay Siliconix


TLHO440 Product details

• Standard Ø 3 mm (T-1) package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized




Similar Part No. - TLHO440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHO440 VISHAY-TLHO440 Datasheet
208Kb / 11P
Suitable for DC and high peak current
24-Mar-15
TLHO440. VISHAY-TLHO440. Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHO4400 VISHAY-TLHO4400 Datasheet
313Kb / 10P
High Efficiency LED in 3 mm Tinted Diffused Package
31-Aug-04
TLHO4400 VISHAY-TLHO4400 Datasheet
208Kb / 11P
Suitable for DC and high peak current
24-Mar-15
TLHO4400 VISHAY-TLHO4400 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
More results


Similar Description - TLHO440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHA44R1S2 VISHAY-TLHA44R1S2 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHG44K1M2 VISHAY-TLHG44K1M2_V01 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHY420 VISHAY-TLHY420_V02 Datasheet
214Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
TLHY460 VISHAY-TLHY460_V02 Datasheet
185Kb / 9P
High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
15-Sep-2021
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com