Electronic Components Datasheet Search
  English  ▼

X  

TLHY420 Datasheet (PDF) - Vishay Siliconix

TLHY420 Datasheet PDF - Vishay Siliconix
Part # TLHY420
Download  TLHY420 Download
File Size   215.63 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package

TLHY420 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHY420 Datasheet PDF - Vishay Siliconix

Part # TLHY420
Download  TLHY420 Click to download

File Size   215.63 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package

TLHY420 Datasheet (HTML) - Vishay Siliconix


TLHY420 Product details

• Choice of five bright colors
• Standard T-1 package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized




Similar Part No. - TLHY420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHY420 VISHAY-TLHY420 Datasheet
210Kb / 11P
Choice of five bright colors
09-Jan-17
TLHY420. VISHAY-TLHY420. Datasheet
214Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
TLHY4200 VISHAY-TLHY4200 Datasheet
313Kb / 10P
High Efficiency LED, 3 mm Tinted Undiffused Package
31-Aug-04
TLHY4200 VISHAY-TLHY4200 Datasheet
210Kb / 11P
Choice of five bright colors
09-Jan-17
TLHY4200 VISHAY-TLHY4200 Datasheet
214Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
More results


Similar Description - TLHY420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
03-Jun-09
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHG44K1M2 VISHAY-TLHG44K1M2_V01 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHK4200 VISHAY-TLHK4200_V02 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Tinted Non-Diffused Package
17-May-2019
TLHR5200 VISHAY-TLHR5200 Datasheet
112Kb / 5P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
06-May-2022
TLHY420 VISHAY-TLHY420_V02 Datasheet
214Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
TLHY460 VISHAY-TLHY460_V02 Datasheet
185Kb / 9P
High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
15-Sep-2021
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34_V02 Datasheet
141Kb / 5P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com