| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX5048
|
292Kb / 9P |
7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03 |
|
MAX5900
|
295Kb / 14P |
100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07 |
|
MAX5048
|
661Kb / 11P |
7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 4; 7/05 |
|
MAX15070A
|
1Mb / 9P |
7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11 |
|
MAX5048BAUTTG16
|
257Kb / 11P |
7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 5; 11/12 |
|
MAX15070A
|
1Mb / 9P |
7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13 |
|
MAX5902AAETT-T
|
339Kb / 14P |
72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07 |
|
MAX25615
|
808Kb / 9P |
7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18 |
|
MAX5048A
|
267Kb / 11P |
7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14 |
|
MAX15070A
|
829Kb / 10P |
7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019 |