| Manufacturer | Part # | Datasheet | Description |
 Wurth Elektronik GmbH &... |
171020302
|
1Mb / 29P |
Variable Step Down Regulator Module
|
|
171060302
|
1Mb / 29P |
Variable Step Down Regulator Module
|
|
173010378
|
572Kb / 12P |
Fixed Step Down Regulator Module
|
|
173010578
|
572Kb / 12P |
Fixed Step Down Regulator Module
|
|
171021501
|
3Mb / 46P |
Variable Step Down Regulator Module
|
|
173010335
|
3Mb / 36P |
Fixed Step Down Regulator Module
Rev. 1.0 |
|
WPMDL110XXX1S
|
572Kb / 12P |
MagI3C Power Module FDSM ??Fixed Step Down Regulator Module 7 - 28V / 1A / 3.3 or 5V Output
Rev. 1.0 |
|
17301XX35
|
5Mb / 42P |
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 1A / Fixed Output 3.3V, 5V, 12V or 15V
version 4.0 |
|
17395XX36
|
5Mb / 42P |
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 500mA / Fixed Output 3.3V, 5V, 12V or 15V
version 3.0 |
|
17395XX75
|
3Mb / 38P |
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 74.5V / 500mA / Fixed Output 3.3V, 5V or 12V
version 1.0 |