Electronic Components Datasheet Search
  English  ▼

X  

TLCR510 Datasheet (PDF) - Vishay Siliconix

TLCR510 Datasheet PDF - Vishay Siliconix
Part # TLCR510
Download  TLCR510 Download
File Size   163.39 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package

TLCR510 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLCR510 Datasheet PDF - Vishay Siliconix

Part # TLCR510
Download  TLCR510 Click to download

File Size   163.39 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package

TLCR510 Datasheet (HTML) - Vishay Siliconix


TLCR510 Product details

• Untinted non-diffused lens
• Utilizing ultrabright AllnGaP (AS)
• High luminous intensity
• High operating temperature: Tj
(chip junction
temperature) up to 125 °C for AllnGaP devices
• Luminous intensity and color categorized for
each packing unit
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B




Similar Part No. - TLCR510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCR5100 VISHAY-TLCR5100 Datasheet
144Kb / 7P
Ultrabright LED, 5 mm Untinted Non-Diffused
16-Feb-05
TLCR5100 VISHAY-TLCR5100 Datasheet
201Kb / 10P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
18-Jul-2022
TLCR5100 VISHAY-TLCR5100 Datasheet
202Kb / 10P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
18-Jul-2022
More results


Similar Description - TLCR510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
Ultrabright LED, 5 mm Untinted Non-Diffused Package
29-Apr-13
VLHW5100 VISHAY-VLHW5100 Datasheet
819Kb / 6P
Ultrabright White LED, Ø 5 mm Untinted Non-Diffused Package
29-Apr-13
TLCX510 VISHAY-TLCX510 Datasheet
163Kb / 13P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
16-May-2019
TLCS5100 VISHAY-TLCS5100 Datasheet
201Kb / 10P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
18-Jul-2022
TLCPG5100 VISHAY-TLCPG5100_V01 Datasheet
202Kb / 10P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
18-Jul-2022
TLCY5200 VISHAY-TLCY5200_V02 Datasheet
108Kb / 5P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
09-May-2022
TLCY5800 VISHAY-TLCY5800_V02 Datasheet
146Kb / 7P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
27-Sep-2021
TLCY610 VISHAY-TLCY610_V02 Datasheet
185Kb / 7P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
27-Sep-2021
TLCR6200 VISHAY-TLCR6200_V02 Datasheet
187Kb / 6P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
24-Jun-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com