Electronic Components Datasheet Search
  English  ▼

X  

SIR873DP Datasheet (PDF) - Vishay Siliconix

SIR873DP Datasheet PDF - Vishay Siliconix
Part # SIR873DP
Download  SIR873DP Download
File Size   196.22 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 150 V (D-S) MOSFET

SIR873DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR873DP Datasheet PDF - Vishay Siliconix

Part # SIR873DP
Download  SIR873DP Click to download

File Size   196.22 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 150 V (D-S) MOSFET

SIR873DP Datasheet (HTML) - Vishay Siliconix


SIR873DP Product details

• TrenchFET® power MOSFET
• Very low RDS(ON) minimizes power loss
from conduction
• 100 % Rg and UIS tested




Similar Part No. - SIR873DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR870ADP VISHAY-SIR870ADP Datasheet
481Kb / 13P
N-Channel 100 V (D-S) MOSFET
28-Nov-11
SIR870ADP VISHAY-SIR870ADP Datasheet
481Kb / 13P
N-Channel 100 V (D-S) MOSFET
28-Nov-11
logo
Vishay Telefunken
SIR870ADP TFUNK-SIR870ADP Datasheet
328Kb / 13P
N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
N-Channel 100 V (D-S) MOSFET
28-Nov-11
SIR870ADP VISHAY-SIR870ADP_V01 Datasheet
329Kb / 13P
N-Channel 100 V (D-S) MOSFET
22-Apr-13
More results


Similar Description - SIR873DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
P-Channel 150-V (D-S) MOSFET
10-Jan-05
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
P-Channel 150-V (D-S) MOSFET
16-Jul-07
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
P-Channel 150-V (D-S) MOSFET
18-Aug-08
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
P-Channel 150 V (D-S) MOSFET
11-Apr-11
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
P-Channel 150-V (D-S) MOSFET
04-May-09
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
P-Channel 150-V (D-S) MOSFET
24-Jun-13
SI7115DN VISHAY-SI7115DN_V01 Datasheet
547Kb / 13P
P-Channel 150 V (D-S) MOSFET
26-Sep-11
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
P-Channel 150 V (D-S) MOSFET
26-Mar-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com