Electronic Components Datasheet Search
  English  ▼

X  

CY22313ZXC Datasheet (PDF) - Cypress Semiconductor

CY22313ZXC Datasheet PDF - Cypress Semiconductor
Part # CY22313ZXC
Download  CY22313ZXC Download
File Size   159.13 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support

CY22313ZXC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY22313ZXC Datasheet PDF - Cypress Semiconductor

Part # CY22313ZXC
Download  CY22313ZXC Click to download

File Size   159.13 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support

CY22313ZXC Datasheet (HTML) - Cypress Semiconductor


CY22313ZXC Product details

Features
• Two integrated phase-locked loops (PLLs)
• Ultra-accurate PLLs
• Direct Rambus™ clock support
• Two input selects
• 3.45V core; 3.45V, 2.5V, 1.8V, and 1.675V outputs
• 24-pin TSSOP package

Benefits
• High-performance PLL tailored for multimedia applications
• Frequency tolerance within 1 PPM on all frequencies
• One pair of differential output drivers, identical specification to CY2212
• Selectable 54.0-/53.946-MHz output and 294.912-/393.216-MHz Rambus® output
• Supports output voltage requirements
• Industry-standard packaging saves on board space




Similar Part No. - CY22313ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22381 CYPRESS-CY22381 Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
344Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
450Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Similar Description - CY22313ZXC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
Direct RAMbus Clock Generator
1999 Jan 19
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
Direct Rambus Clock Generator
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
Direct Rambus??Clock Generator (Lite)
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
DIRECT RAMBUS??CLOCK GENERATOR
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com