Electronic Components Datasheet Search
  English  ▼

X  

BBF2815 Datasheet (PDF) - M.S. Kennedy Corporation

BBF2815 Datasheet PDF - M.S. Kennedy Corporation
Part # BBF2815
Download  BBF2815 Download
File Size   282.68 Kbytes
Page   11 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 20W DC-DC CONVERTERS

BBF2815 Datasheet (PDF)

Go To PDF Page Download Datasheet
BBF2815 Datasheet PDF - M.S. Kennedy Corporation

Part # BBF2815
Download  BBF2815 Click to download

File Size   282.68 Kbytes
Page   11 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 20W DC-DC CONVERTERS

BBF2815 Datasheet (HTML) - M.S. Kennedy Corporation


BBF2815 Product details

DESCRIPTION
The BBF2800S series of DC-DC converters provides the ruggedness, reliability and features required to meet the advanced design challenges of today’s hi-rel market. This has been accomplished using a package having very low thermal gradients, excellent hermeticity and high voltage isolation.

HI-REL DESIGN
• REPLACES APEX DB2800S SERIES
• SURFACE MOUNT MAGNETICS
• WELDED HERMETIC PACKAGE
• LOW INTERNAL TEMPERATURE GRADIENTS
• ALL CERAMIC CAPACITORS
• WITHSTANDS 5000G

OTHER FEATURES - SINGLE OUTPUT
• NO DERATING - -55°C to +125°C
• OUTPUT VOLTAGE ADJUSTMENT STANDARD
• REMOTE SHUTDOWN




Similar Part No. - BBF2815

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2815S MSK-BBF2815S Datasheet
443Kb / 11P
20W DC-DC CONVERTERS
BBF2815SE MSK-BBF2815SE Datasheet
443Kb / 11P
20W DC-DC CONVERTERS
BBF2815SH MSK-BBF2815SH Datasheet
443Kb / 11P
20W DC-DC CONVERTERS
BBF2815S MSK-BBF2815S_15 Datasheet
147Kb / 11P
All Ceramic Capacitors
More results


Similar Description - BBF2815

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
20W DC/DC Converters
logo
M.S. Kennedy Corporatio...
MSKBBF2800S MSK-MSKBBF2800S Datasheet
443Kb / 11P
20W DC-DC CONVERTERS
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
15-20W, Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
Compact, 20W Ultra-High Isolation DC/DC Converters
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
20W 1.5KVDC Wide Voltage Input DC/DC Converters
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com