| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX4012
|
196Kb / 16P |
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97 |
|
MAX4450
|
456Kb / 12P |
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00 |
|
MAX4452
|
655Kb / 15P |
Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01 |
|
MAX4414
|
539Kb / 22P |
Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
|
|
MAX4412
|
343Kb / 15P |
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00 |
|
MAX4350
|
459Kb / 11P |
Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01 |
|
MAX4412
|
363Kb / 16P |
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09 |
|
MAX4450
|
471Kb / 15P |
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09 |
|
MAX4400_V4
|
186Kb / 10P |
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12 |
|
MAX4400AUK
|
178Kb / 10P |
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12 |