Electronic Components Datasheet Search
  English  ▼

X  

SI1022R Datasheet (PDF) - Vishay Siliconix

SI1022R Datasheet PDF - Vishay Siliconix
Part # SI1022R
Download  SI1022R Download
File Size   153.27 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60 V (D-S) MOSFET

SI1022R Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1022R Datasheet PDF - Vishay Siliconix

Part # SI1022R
Download  SI1022R Click to download

File Size   153.27 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 60 V (D-S) MOSFET

SI1022R Datasheet (HTML) - Vishay Siliconix


SI1022R Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFETs
• Low On-Resistance: 1.25 Ω
• Low Threshold: 2.5 V
• Low Input Capacitance: 30 pF
• Fast Switching Speed: 25 ns
• Low Input and Output Leakage
• Miniature Package
• ESD Protected: 2000 V
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SI1022R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1022R VISHAY-SI1022R Datasheet
39Kb / 4P
N-Channel 60-V (D-S) MOSFET
05-Feb-01
SI1022R VISHAY-SI1022R Datasheet
93Kb / 5P
N-Channel 60-V (D-S) MOSFET
07-Jul-08
SI1022R VISHAY-SI1022R Datasheet
156Kb / 7P
N-Channel 60 V (D-S) MOSFET
22-Nov-10
SI1022R VISHAY-SI1022R Datasheet
156Kb / 8P
N-Channel 60 V (D-S) MOSFET
22-Nov-10
logo
Vishay Telefunken
SI1022R TFUNK-SI1022R Datasheet
156Kb / 8P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - SI1022R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com