| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
ZB4BA54
|
357Kb / 12P |
Head for non illuminated push button, Harmony XB4, yellow flush pushbutton 횠22 mm spring return unmarked
Oct 4, 2021 |
|
ZB4BH05
|
399Kb / 11P |
Head for non illuminated push button, Harmony XB4, yellow flush pushbutton 횠22 mm push unmarked
Oct 4, 2021 |
|
ZB4BS5540
|
133Kb / 3P |
Head for non illuminated push button, Harmony XB4, yellow mushroom 횠 40 mm pushbutton 횠22 mm with marking
Oct 4, 2021 |
|
ZB4BC54
|
379Kb / 12P |
Head for non illuminated push button, Harmony XB4, XB5, yellow 횠 30 mushroom pushbutton 횠22 mm spring return
Oct 18, 2021 |
|
ZBP015
|
116Kb / 2P |
Harmony XB5, Harmony XB4, yellow boot for circular flush pushbutton 횠22 mm
Nov 8, 2021 |
|
9001KU4
|
103Kb / 2P |
30mm brown protective boot for non-illumated pushbutton
Jan 6, 2022 |
|
9001KU47
|
155Kb / 2P |
30 mm clear boot for illuminate pushbutton with guard
Jan 6, 2022 |
|
ZB5AH05
|
385Kb / 10P |
Head for non illuminated push button, Harmony XB5, XB4, yellow flush pushbutton 횠22 mm unmarked
Mar 7, 2022 |
|
ZB5AH5
|
407Kb / 10P |
Head for non illuminated push button, Harmony XB5, yellow projecting pushbutton 횠22 mm push unmarked
Mar 7, 2022 |
|
ZB5AC54
|
407Kb / 12P |
Head for non illuminated push button, Harmony XB5, yellow 횠 30 mushroom pushbutton 횠22 mm spring return
Mar 16, 2022 |