Electronic Components Datasheet Search
  English  ▼

X  

AO6603L Datasheet (PDF) - Alpha & Omega Semiconductors

AO6603L Datasheet PDF - Alpha & Omega Semiconductors
Part # AO6603L
Download  AO6603L Download
File Size   283.0 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AO6603L Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6603L Datasheet PDF - Alpha & Omega Semiconductors

Part # AO6603L
Download  AO6603L Click to download

File Size   283.0 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AO6603L Datasheet (HTML) - Alpha & Omega Semiconductors


AO6603L Product details

General Description
The AO6603 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs form a high-speed power inverter, suitable for a multitude of applications. Standard Product AO6603 is Pb-free (meets ROHS & Sony 259 specifications). AO6603L is a Green Product ordering option. AO6603 and AO6603L are electrically identical.

Features
   n-channel                          p-channel
   VDS (V) = 20V                  -30V
   ID = 1.7 (VGS = 4.5V)       -2.5A
   RDS(ON)
   < 225mΩ (VGS = 4.5V)    < 135mΩ (VGS = -10V)
   < 290mΩ (VGS = 2.5V)    < 185mΩ (VGS = 2.5V)
   < 425mΩ (VGS = 1.8V)    < 265mΩ (VGS = 1.8V)




Similar Part No. - AO6603L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6601 AOSMD-AO6601 Datasheet
207Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO6601 AOSMD-AO6601 Datasheet
482Kb / 9P
30V Complementary MOSFET
logo
Guangdong Kexin Industr...
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO6601 VBSEMI-AO6601 Datasheet
2Mb / 10P
N- and P-Channel V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
N P Channel MOSFET
More results


Similar Description - AO6603L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com