Electronic Components Datasheet Search
  English  ▼

X  

PSOT15KCA Datasheet (PDF) - Protek Devices

PSOT15KCA Datasheet PDF - Protek Devices
Part # PSOT15KCA
Download  PSOT15KCA Download
File Size   93.54 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

PSOT15KCA Datasheet (PDF)

Go To PDF Page Download Datasheet
PSOT15KCA Datasheet PDF - Protek Devices

Part # PSOT15KCA
Download  PSOT15KCA Click to download

File Size   93.54 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

PSOT15KCA Datasheet (HTML) - Protek Devices


PSOT15KCA Product details

DESCRIPTION
The PSOTxxKCA series are a common cathode dual line transient voltage protector. This series is suitable for applications such as RS-232, RS-422 and RS-423 data lines, sensor I/O ports, industrial control and monitoring systems.
The PSOTxxKCA series can be utilized as a two line unidirectional common-mode or a single bidirectional differentialmode protector. This series meets the IEC Compatibility requirements. Packaged in a SOT-23 configuration, the PSOTxxKCA series is available in 15 Volts or 36 Volts, with a peak pulse power rating of 300 Watts for an 8/20µs waveform.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 1000-4-4 (EFT): 40A, 5/50ns
• 300 Watts Peak Pulse Power per Line(tp = 8/20µs)
• 200 Watts Peak Pulse Power per Line(tp = 1.2/50µs)
• 40 Watts Peak Pulse Power per Line(tp = 10/1000µs)
• Low Clamping Voltage
• Common Cathode Configuration
• Available in 15V and 36V
• Provides 2 Lines of Unidirectional Protection
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• RS-232, RS-422 & RS-423
• Digital Sensor I/O Ports
• Control & Monitoring Systems
• Portable Electronics
• Industrial Automotion Sensor Protection




Similar Part No. - PSOT15KCA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT15KCA PROTEC-PSOT15KCA Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA Datasheet
635Kb / 6P
300 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA Datasheet
637Kb / 6P
300 WATT TVS ARRAY
PSOT15KCA-LF-T7 PROTEC-PSOT15KCA-LF-T7 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA-T13 PROTEC-PSOT15KCA-T13 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
More results


Similar Description - PSOT15KCA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com