Electronic Components Datasheet Search
  English  ▼

X  

AN8016 Datasheet (PDF) - Panasonic Semiconductor

AN8016 Datasheet PDF - Panasonic Semiconductor
Part # AN8016
Download  AN8016 Download
File Size   134.62 Kbytes
Page   17 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Single-channel 1.8-volt step-up DC-DC converter control IC

AN8016 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN8016 Datasheet PDF - Panasonic Semiconductor

Part # AN8016
Download  AN8016 Click to download

File Size   134.62 Kbytes
Page   17 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Single-channel 1.8-volt step-up DC-DC converter control IC

AN8016 Datasheet (HTML) - Panasonic Semiconductor


AN8016 Product details

■ Overview
The AN8016NSH is a single-channel PWM DC-DC converter control IC that supports low-voltage operation. This IC allows a stepped-up voltage output to be provided with a minimal number of external components. It features a low minimum operating voltage of 1.8 V, and due to being provided in a 10-pin surface mount package with a 0.5 mm lead pitch, is optimal for use in miniature high-efficiency power supplies for portable equipment.

■ Features
• Wide operating supply voltage range: 1.8 V to 14 V
• High-precision reference voltage circuit: 1.27 V (allowance: ± 3%)
• Supports control over a wide output frequency range: 20 kHz to 1 MHz
• Provides a fixed output current with minimal supply voltage fluctuations by using an external resistor to set the output current with a totem pole structure in the output block.
• Large maximum output current of ± 50 mA
• Timer latch short-circuit protection circuit (charge current: 1.3 µA typical)
• Low input voltage malfunction prevention circuit (U.V.L.O.) (circuit operation start voltage: 1.6 V typical)
• On/off control function (active-high, standby current: 5 µA maximum)
• Fixed maximum duty ratio with small sample-to-sample variations (80% ± 5%)
• Adjustable soft start time provided by using separate DTC and S.C.P. pins.
• Adopts a 0.5 mm lead pitch 10 pin SO flat package (SSONF-10D)
• Adopts techniques for reducing noise, increasing the light load efficiency, and suppressing the maximum base current when turning on the npn transistor used as the external switching element.

■ Applications
• LCD displays, digital still cameras, PDAs




Similar Part No. - AN8016

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8010 PANASONIC-AN8010 Datasheet
159Kb / 9P
3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8010M PANASONIC-AN8010M Datasheet
159Kb / 9P
3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
Single-channel step-up or step-down DC-DC converter control IC
AN8014 PANASONIC-AN8014 Datasheet
151Kb / 18P
Step-down, step-up, or inverting DC-DC converter control IC
More results


Similar Description - AN8016

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
Single-channel step-up or step-down DC-DC converter control IC
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
Step-down, step-up, or inverting DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
Single-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8017SA PANASONIC-AN8017SA Datasheet
205Kb / 25P
1.8-volt 2-channel step-up DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8049FHN PANASONIC-AN8049FHN Datasheet
170Kb / 23P
1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049SH PANASONIC-AN8049SH Datasheet
194Kb / 28P
1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
Step-up DC-DC converter IC
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
Step-up DC/DC Converter IC
logo
Mitsumi Electronics, Co...
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
Step-up DC-DC Converter IC
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com