Electronic Components Datasheet Search
  English  ▼

X  

289-671 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

289-671 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 289-671
Download  289-671 Download
File Size   361.74 Kbytes
Page   5 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Sensor/actuator module; 8 channels digital output; 2-wire connection

289-671 Datasheet (PDF)

Go To PDF Page Download Datasheet
289-671 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 289-671
Download  289-671 Click to download

File Size   361.74 Kbytes
Page   5 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Sensor/actuator module; 8 channels digital output; 2-wire connection

289-671 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 289-671

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
289-611 WAGO-289-611 Datasheet
283Kb / 6P
Interface module; Pluggable connector per DIN 41651; 10-pole; Triple-deck PCB terminal blocks; in mounting carrier; 2,50 mm짼
22.11.2021
289-612 WAGO-289-612 Datasheet
268Kb / 6P
Interface module; Pluggable connector per DIN 41651; 14-pole; Doubledeck PCB terminal blocks; in mounting carrier; 2,50 mm짼
22.11.2021
289-613 WAGO-289-613 Datasheet
268Kb / 6P
Interface module; Pluggable connector per DIN 41651; 16-pole; Doubledeck PCB terminal blocks; in mounting carrier; 2,50 mm짼
22.11.2021
289-614 WAGO-289-614 Datasheet
324Kb / 7P
Interface module; Pluggable connector per DIN 41651; 20-pole; Triple-deck PCB terminal blocks; in mounting carrier; 2,50 mm짼
22.11.2021
289-615 WAGO-289-615 Datasheet
286Kb / 6P
Interface module; Pluggable connector per DIN 41651; 26-pole
More results


Similar Description - 289-671

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
S5851A SII-S5851A Datasheet
569Kb / 29P
2-WIRE DIGITAL TEMPERATURE SENSOR
logo
PHOENIX CONTACT
2754891 PHOENIX-2754891 Datasheet
168Kb / 5P
INTERBUS-ST digital output module, 8 outputs, 24 V DC, 2 A, 3-wire connection method, IP20 protection, comprising: terminal part with screw connection and electronics module
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
logo
WAGO Kontakttechnik Gmb...
750-1515 WAGO-750-1515 Datasheet
582Kb / 12P
8-channel digital output; 24 VDC; 0.5 A; 2-conductor connection
logo
PHOENIX CONTACT
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
Axioline F analog input module, 8 inputs, 2-wire connection method
2688381 PHOENIX-2688381 Datasheet
218Kb / 14P
Axioline F digital output module, 8 outputs, 24 V DC, 2 A, 2-wire connection technology
logo
WAGO Kontakttechnik Gmb...
289-667 WAGO-289-667 Datasheet
317Kb / 5P
Sensor/actuator module; 8 channels digital output; 2-wire connection
289-664 WAGO-289-664 Datasheet
366Kb / 5P
Sensor/actuator module; 8-channel digital input; 3-wire connection; in mounting carrier; 2,50 mm짼
22.11.2021
289-665 WAGO-289-665 Datasheet
284Kb / 5P
Sensor/actuator module; 8-channel digital input; 3-wire connection/highside switching; Red status indicator; in mounting carrier; 2,50 mm짼
22.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com