Electronic Components Datasheet Search
  English  ▼

X  

AN8002 Datasheet (PDF) - Panasonic Semiconductor

AN8002 Datasheet PDF - Panasonic Semiconductor
Part # AN8002
Download  AN8002 Download
File Size   56.23 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3-pin Positive Output Low Dropout Voltage Regulator 50mA Type

AN8002 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN8002 Datasheet PDF - Panasonic Semiconductor

Part # AN8002
Download  AN8002 Click to download

File Size   56.23 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 3-pin Positive Output Low Dropout Voltage Regulator 50mA Type

AN8002 Datasheet (HTML) - Panasonic Semiconductor


AN8002 Product details

Overview
The AN8000 series is 3-pin low-dropout fixed positive output monolithic voltage regulators. Since thier power consumption can be minimized, they are suitable for battery stabilizing power supply and reference voltage. Thirteen types of output voltage are available ; 2V, 2.5V, 3V, 3.5V (TO-92 only) , 4V, 4.5V, 5V, 6V, 7V, 8V, 8.5V, 9V, and 10V.

Features
• Input/output voltage difference : 0.3V (max.)
• Output current of up to 50mA
• Low bias current ; 0.6mA (typ.)
• Output voltage ; 2V, 2.5V, 3V, 3.5V (TO-92 only) , 4V, 4.5V, 5V, 6V, 7V, 8V, 8.5V, 9V, and 10V.
• Over-voltage protective circuit built-in.




Similar Part No. - AN8002

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8002 PANASONIC-AN8002 Datasheet
159Kb / 9P
3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8002M PANASONIC-AN8002M Datasheet
159Kb / 9P
3-pin, positive output, low dropout voltage regulator (50 mA type)
More results


Similar Description - AN8002

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
3-pin Positive Output Voltage Regulator 1A Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
3-pin Positive Output Voltage Regulator 300mA Type
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
3-pin, positive output, low dropout voltage regulator (50 mA type)
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
3-pin positive output voltage regulator (1 A type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
3-pin, positive output, low dropout voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN80L20RMSTX PANASONIC-AN80L20RMSTX Datasheet
321Kb / 27P
Positive output, low dropout voltage regulator (150 mA type)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com