Electronic Components Datasheet Search
  English  ▼

X  

PB1011 Datasheet (PDF) - Schurter Inc.

PB1011 Datasheet PDF - Schurter Inc.
Part # PB1011
Download  PB1011 Download
File Size   274.94 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description PB 1011 Test Jack, PCB Mounting, 횠 2 mm, 10 A

PB1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB1011 Datasheet PDF - Schurter Inc.

Part # PB1011
Download  PB1011 Click to download

File Size   274.94 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description PB 1011 Test Jack, PCB Mounting, 횠 2 mm, 10 A

PB1011 Datasheet (HTML) - Schurter Inc.




Similar Part No. - PB1011

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PB1011 SCHURTER-PB1011 Datasheet
210Kb / 2P
PS 1061 Test Probe, 2 mm, 10 A
PB1011 SCHURTER-PB1011 Datasheet
274Kb / 2P
PB 1011 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
PB1011 SCHURTER-PB1011_V02 Datasheet
274Kb / 2P
PB 1011 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
More results


Similar Description - PB1011

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PB1021 SCHURTER-PB1021_V01 Datasheet
267Kb / 2P
PB 1021 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A
PB1101 SCHURTER-PB1101 Datasheet
222Kb / 2P
PB 1101 Test Jack, PCB Mounting, 횠 2 mm, 10 A
PB1111 SCHURTER-PB1111 Datasheet
223Kb / 2P
PB 1111 Test Jack, PCB Mounting, 횠 2 mm, 10 A
PB1151 SCHURTER-PB1151 Datasheet
269Kb / 2P
PB 1151 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A
PBD1211 SCHURTER-PBD1211 Datasheet
268Kb / 2P
PBD 1211 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A, flux-proof
PB1111 SCHURTER-PB1111_V01 Datasheet
223Kb / 2P
PB 1111 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
PB1021 SCHURTER-PB1021_V02 Datasheet
267Kb / 2P
PB 1021 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A
04.01.2022
PB1011 SCHURTER-PB1011_V02 Datasheet
274Kb / 2P
PB 1011 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
PB1101 SCHURTER-PB1101_V01 Datasheet
221Kb / 2P
PB 1101 Test Jack, PCB Mounting, 횠 2 mm, 10 A
04.01.2022
PB1151 SCHURTER-PB1151_V01 Datasheet
268Kb / 2P
PB 1151 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com