Electronic Components Datasheet Search
  English  ▼

X  

4220 Datasheet (PDF) - Peregrine Semiconductor Corp.

4220 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4220
Download  4220 Download
File Size   247.26 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch DC - 2500 MHz

4220 Datasheet (PDF)

Go To PDF Page Download Datasheet
4220 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4220
Download  4220 Click to download

File Size   247.26 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch DC - 2500 MHz

4220 Datasheet (HTML) - Peregrine Semiconductor Corp.


4220 Product details

Product Description
The PE4220 UltraCMOS™ RF Switch is designed to cover a broad range of applications from near DC to 2500 MHz. This single-supply switch integrates on-board CMOS control logic driven by a simple, single-pin CMOS or TTL compatible control input.

Features
• Single 3-volt power supply
• Very low insertion loss: 0.25 dB at 1000 MHz
• High isolation: 37 dB at 1.0 GHz
• Typical input 1 dB compression point of +22.5 dBm
• Single-pin CMOS or TTL logic control
• Packaged in a small 8-lead MSOP




Similar Part No. - 4220

ManufacturerPart #DatasheetDescription
logo
Heyco.
4220 HEYCO-4220 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
LEMO Connectors
4220 LEMO-4220 Datasheet
71Kb / 3P
B - Indoor keyed
4220 LEMO-4220 Datasheet
131Kb / 4P
B - Indoor keyed
4220 LEMO-4220 Datasheet
141Kb / 5P
B - Indoor keyed
4220 LEMO-4220 Datasheet
96Kb / 4P
B - Indoor keyed
More results


Similar Description - 4220

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
UltraCMOS SPDT RF Switch
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com